Electronic Components Datasheet Search
  English  ▼

X  

SIP12503 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP12503
Description  500-mA - Adjustable Boost Converter for Single or Dual Cell
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12503 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP12503 Datasheet HTML 1Page - Vishay Siliconix SIP12503 Datasheet HTML 2Page - Vishay Siliconix SIP12503 Datasheet HTML 3Page - Vishay Siliconix SIP12503 Datasheet HTML 4Page - Vishay Siliconix SIP12503 Datasheet HTML 5Page - Vishay Siliconix SIP12503 Datasheet HTML 6Page - Vishay Siliconix SIP12503 Datasheet HTML 7Page - Vishay Siliconix SIP12503 Datasheet HTML 8Page - Vishay Siliconix SIP12503 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 73579
S09-1454-Rev. B, 03-Aug-09
www.vishay.com
5
Vishay Siliconix
SiP12503
FUNCTIONAL BLOCK DIAGRAM
DETAILED OPERATION
SiP12503 is a 300 kHz boost converter IC, packaged in 6 pin
MLP33 PowerPAKTM package. With start-up from input
voltages as low as 0.65 V, this device features fixed
frequency voltage mode PWM control with internal frequency
compensation. With its low RDS(on) internal power MOSFET,
this device maintains high efficiency over a wide range of
load current. Under light load conditions, it switches to in
PFM mode to maintain high efficiency. A FB pin is available
to adjust the output voltage.
Low Voltage Start-Up
SiP12503 is designed to start-up at input voltage of typically
0.65 V. At start-up, VOUT is lower than VIN due to the voltage
drop of the Schottky diode. Therefore, the device uses VIN as
the power source for its control logic and internal gate drive,
until VOUT exceeds VIN. During the start-up interval, the
boost switch’s conduction interval during each cycle is
determined by the time taken for the inductor current to reach
internal current limit, followed by a fixed off time before the
switch is allowed to turn on again. Once VOUT exceeds VIN,
the device uses VOUT as the IC’s power source. When VOUT
exceeds 1.89 V, the device engages is built-in soft-start
circuitry.
Soft-Start
During soft-start, the loop compensation guarantees the slow
increase of output voltage, so that no large voltage overshoot
or inrush current transients occur when the soft-start period
ends.
PWM operation
After the soft-start interval is over, the device works in PWM
operation with a fixed frequency of 300 kHz, with automatic
switch-over to PFM operation during light load conditions.
PFM Operation
When operating into light loads, the SiP12502 automatically
switches to PFM operation. This reduces gate charge losses
in the boost switch, hence raising converter efficiency.
Over Voltage Protection
If the output voltage is above 10 % of the regulation voltage,
the device will turn off the internal power mosfet and wait until
the output voltage fails below the regulation voltage, then the
PWM operation is enabled again.
Thermal Shutdown Protection
If the internal device temperature rises above 160 °C, the
device will turn off the internal power MOSFET. Once the die
temperature falls below 140 °C, then the device performs a
new soft-start cycle, and the converter resumes normal
operation.
Antiringing Control
The antiringing control circuitry prevents high frequency
ringing at the LX pin as the inductor current goes to zero by
damping the resonant circuit formed by L and CLX
(capacitance on LX pin). When the IC is shutdown, this
antiringing switch is also turned on.
APPLICATION INFORMATION
Setting the Adjustable Output Voltage
The SiP12503 regulated output can be adjusted from 1.8 V
to 5.0 V via a resistor divider network from VOUT to GND. R1
and R2 should be kept in the 50 k
Ω to 100 kΩ range for low
power
consumption
while
maintaing
adequate
noise
immunity. The value of R1 is calculated using the following
formula:
R1 = R2 * [(VOUT/VFB) - 1]
VFB = 0.6 V
Compensation
Over Voltage
Reference and Soft-Start
Oscillator
Start-Up
Driver
-
+
Antiringing SW
PWM
+
-
E/A
VIN
GND
LX
VOUT
XSHD
PFM
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com