Electronic Components Datasheet Search
  English  ▼

X  

SIP12503 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP12503
Description  500-mA - Adjustable Boost Converter for Single or Dual Cell
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12503 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP12503 Datasheet HTML 1Page - Vishay Siliconix SIP12503 Datasheet HTML 2Page - Vishay Siliconix SIP12503 Datasheet HTML 3Page - Vishay Siliconix SIP12503 Datasheet HTML 4Page - Vishay Siliconix SIP12503 Datasheet HTML 5Page - Vishay Siliconix SIP12503 Datasheet HTML 6Page - Vishay Siliconix SIP12503 Datasheet HTML 7Page - Vishay Siliconix SIP12503 Datasheet HTML 8Page - Vishay Siliconix SIP12503 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
SiP12503
Document Number: 73579
S09-1454-Rev. B, 03-Aug-09
www.vishay.com
1
500-mA - Adjustable Boost Converter for Single or Dual Cell
DESCRIPTION
SiP12503 is a boost converter IC with adjustable output
voltage for single or dual cell NiMH or Alkaline battery pack.
Featuring with an internal low resistance power MOSFET, it
is capable of starting up with a low battery voltage of 0.85 V.
It only needs six external components (an inductor, a diode,-
two capacitors and two resistors) to construct a step-up
converter. For best efficiency performance, it is designed to
operate in PWM mode with 300 kHZ switching frequency
under normal load and in PFM mode under light load. The
voltage-mode control loop is internally compensated,
simplifying converter design and reducing external parts
count. It accepts input voltages from 0.85 V to 5.0 V, and
adjustable output voltages from 2 V to 5 V. It also features
low shutdown current of under 1 µA, over voltage protection,
thermal shutdown protection, and antiring control to minimize
EMI.
SiP12503 is available in a lead (Pb)-free 6 pin, PowerPAK
MLP33 package and is specified to operate over the
industrial temperature range of - 40 °C to 85 °C.
FEATURES
•
Voltage mode control with internal frequency
compensation
•
0.85 V to 5.0 V input voltage range
•
Adjustable output voltage range from 2.0 V to 5.0 V
•
Low startup voltage: 0.65 V
•
PWM control with 300 kHz fixed switching frequency
•
PFM control for light load
•
Powered from the output voltage supply
•
Integrated UVLO and soft-start
•
Logic controlled shutdown (< 1 µA)
•
85 % typical efficiency
•
Internal power MOS switch: 0.2
Ω at 3.3 V output
•
Antiringing switch to minimize EMI
•
Shutdown input
•
Thermal shutdown
•
Minimum external components
•
PowerPAK® MLP33-6 package (DFN-6, 3 x 3)
•
Over voltage protection
APPLICATIONS
•
Portable applications
•
Battery-powered equipment
•
Handheld devices
•
Digital cameras
•
Wireless handsets
•
LCD and OLED bias
TYPICAL APPLICATION CIRCUIT
XSHD
LX
SiP12503
VOUT
VIN
FB
GND
1
3
6
4
2
5
10 µH
XSHD
10 µF
VIN
47 µF
MBR0520
100 K
Ω
VOUT
450 K
Ω


Similar Part No. - SIP12503

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
More results

Similar Description - SIP12503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
logo
NXP Semiconductors
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com