Electronic Components Datasheet Search
  English  ▼

X  

SIP12506 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP12506 Datasheet HTML 1Page - Vishay Siliconix SIP12506 Datasheet HTML 2Page - Vishay Siliconix SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
www.vishay.com
5
Vishay Siliconix
SiP12506
TYPICAL WAVEFORMS
Efficiency vs. LED Current - Driving 3 Series LEDs
Steady State Condition
VIN = 3.6 V, 4 series LEDs, ILOAD = 20 mA
Start-Up under Open-Load Condition
VIN = 3.6 V, open load
50
55
60
65
70
75
80
85
90
95
25
8
11
14
17
20
LED current (mA)
V
= 4.2 V
IN
V
= 3.6 V
IN
V
= 3.2 V
IN
400 nS/div
VOUT, 20 mV/div (AC Coupled)
VIN, 20 mV/div (AC Coupled)
VLX, 10 V/div
Inductor Current, 100 mA/div
200 µS/div
VLX, 20 V/div
VOUT, 5 V/div (AC Coupled)
Inductor Current, 500 mA/div
VEN, 5 V/div
Efficiency vs. LED Current - Driving 4 Series LEDs
Start-Up
VIN = 3.6 V, 4 series LEDs, ILOAD = 20 mA
50
55
60
65
70
75
80
85
90
95
258
11
14
17
20
LED current (mA)
V
= 3.2 V
IN
V
= 3.6 V
IN
V
= 4.2 V
IN
VOUT, 5 V/div (AC Coupled)
VEN, 5 V/div
Inductor Current, 500 mA/div
VLX, 10 V/div
100 µS/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com