Electronic Components Datasheet Search
  English  ▼

X  

SIP12506 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix SIP12506 Datasheet HTML 10Page - Vishay Siliconix SIP12506 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
10
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
Vishay Siliconix
SiP12506
OPEN-CIRCUIT PROTECTION:
In the event of an output open circuit (e.g. when the LEDs are
either disconnected form the output or an LED fails), the
feedback voltage will become zero causing the SiP12506 to
go to maximum duty cycle. This would generally result in a
high output voltage and, possibly, cause the voltage on the
LX pin to exceed it's absolute maximum rating and damage
the part. However, the SiP12506 has a built-in over-voltage
protection circuitry that will clamp the output to 20 V and guar-
antee safe operation under open-circuit conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?73861.
Figure 11. White LED driver with adjustable brightness control using a filtered PWM signal
LX
FB
GND
SiP12506
4.7 µF
10 µH
COUT
1 µF
VOUT
1
6
4
3
5
2
0.208 V
R1
R3
R2
CDC
0.1 µF
RDC
PWM > 22 KHz
R4
R5
R6
SHD
SHD
VIN
VOUT
MBR0530
100 K
Ω
20 K
Ω
10 K
Ω
15
Ω
VIN
Figure 12. White LED driver with a fixed output and adjustable brightness control using a filtered PWM signal
LX
FB
GND
SiP12506
4.7 µF
10 µH
COUT
1 µF
VOUT
1
6
4
3
5
2
0.208 V
R3
R2
R1
> 22 KHz
R4
R5
R6
PWM
MBR0530
VIN
VOUT
SHD
SHD
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com