Electronic Components Datasheet Search
  English  ▼

X  

SIP32431 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32431
Description  1.0 A Slew Rate Controlled Load Switch with Reverse Blocking in SC70-6, and TDFN4 1.2 mm x 1.6 mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32431 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32431 Datasheet HTML 4Page - Vishay Siliconix SIP32431 Datasheet HTML 5Page - Vishay Siliconix SIP32431 Datasheet HTML 6Page - Vishay Siliconix SIP32431 Datasheet HTML 7Page - Vishay Siliconix SIP32431 Datasheet HTML 8Page - Vishay Siliconix SIP32431 Datasheet HTML 9Page - Vishay Siliconix SIP32431 Datasheet HTML 10Page - Vishay Siliconix SIP32431 Datasheet HTML 11Page - Vishay Siliconix SIP32431 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 65734
www.vishay.com
Revision: 08-Feb-10
1
Package Information
Vishay Siliconix
TDFN4 1.2 x 1.6 CASE OUTLINE
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
-
0.05
0.00
-
0.002
A3
0.15 REF
0.006
b
0.20
0.25
0.30
0.008
0.010
0.012
D
1.15
1.20
1.25
0.045
0.047
0.049
D2
0.81
0.86
0.91
0.032
0.034
0.036
e
0.50 BSC
0.020
E
1.55
1.60
1.65
0.061
0.063
0.065
E2
0.45
0.50
0.55
0.018
0.020
0.022
K
0.20
-
-
0.008
-
-
L
0.30
0.35
0.40
0.012
0.014
0.016
ECN: C10-0043-Rev. A, 08-Feb-10
DWG: 5995
Top View
Bottom View
Side View
Pin #1 ID
(Optional)
Index Area
(D/2 x E/2)
21
4
3
3
4
12
D
b
e
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com