Electronic Components Datasheet Search
  English  ▼

X  

SIP32431 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32431
Description  1.0 A Slew Rate Controlled Load Switch with Reverse Blocking in SC70-6, and TDFN4 1.2 mm x 1.6 mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32431 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32431 Datasheet HTML 1Page - Vishay Siliconix SIP32431 Datasheet HTML 2Page - Vishay Siliconix SIP32431 Datasheet HTML 3Page - Vishay Siliconix SIP32431 Datasheet HTML 4Page - Vishay Siliconix SIP32431 Datasheet HTML 5Page - Vishay Siliconix SIP32431 Datasheet HTML 6Page - Vishay Siliconix SIP32431 Datasheet HTML 7Page - Vishay Siliconix SIP32431 Datasheet HTML 8Page - Vishay Siliconix SIP32431 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 66597
S11-0175-Rev. B, 07-Feb-11
www.vishay.com
3
Vishay Siliconix
SiP32431
Notes:
a. The algebriac convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. For VIN outside this range consult typical ON/OFF threshold curve.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5.0, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
- 40 °C to 85 °C
Unit
Min.a
Typ.b
Max.a
Operating Voltagec
VIN
1.5
-
5.5
V
Quiescent Current
IQ
On/Off = active
-
0.00005
1
µA
Off Supply Current
IQ(off)
On/Off = inactive, Out = open
-
-
1
Off Switch Current
ISD(off)
On/Off = inactive, Out = 0
-
-
1
Reverse Blocking Current
IRB
VOUT = 5.5 V, VIN = 0, Von/off = inactive
-
0.13
1
On-Resistance
RDS(on)
VIN = 5 V, IL = 500 mA, TA = 25 °C
SC70-6
-
147
230
m
TDFN4
-
105
VIN = 4.2 V, IL = 500 mA, TA = 25 °C
SC70-6
-
155
250
TDFN4
-
110
VIN = 3 V, IL = 500 mA, TA = 25 °C
SC70-6
-
178
290
TDFN4
-
135
VIN = 1.8 V, IL = 500 mA, TA = 25 °C
SC70-6
-
275
480
TDFN4
-
230
VIN = 1.5 V, IL = 500 mA, TA = 25 °C
SC70-6
-
395
520
TDFN4
-
350
On-Resistance Temp.-Coefficient
TDRDS
-
2800
-
ppm/°C
On/Off Input Low Voltagec
VIL
VIN  1.5 V to < 1.8 V
--
0.3
V
VIN  1.8 V to < 2.7 V
--
0.4
VIN  2.7 V to  5.5 V
--
0.6
On/Off Input Low Voltagec
VIH
VIN  1.5 V to <2.7 V
1.3
--
VIN  2.7 V to < 4.2 V
1.5
-
-
VIN  4.2 V to 5.5 V
1.8
-
-
On/Off Input Leakage
ISINK
VOn/Off = 5.5 V
-
-
1
µA
Output Turn-On Delay Time
td(on)
VIN = 5 V, RLOAD = 10 , TA = 25 °C
-20
40
µs
Output Turn-On Rise Time
t(on)
-
140
180
Output Turn-Off Delay Time
td(off)
-4
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com