Electronic Components Datasheet Search
  English  ▼

X  

SIR404DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR404DP
Description  N-Channel 20-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR404DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR404DP Datasheet HTML 1Page - Vishay Siliconix SIR404DP Datasheet HTML 2Page - Vishay Siliconix SIR404DP Datasheet HTML 3Page - Vishay Siliconix SIR404DP Datasheet HTML 4Page - Vishay Siliconix SIR404DP Datasheet HTML 5Page - Vishay Siliconix SIR404DP Datasheet HTML 6Page - Vishay Siliconix SIR404DP Datasheet HTML 7Page - Vishay Siliconix SIR404DP Datasheet HTML 8Page - Vishay Siliconix SIR404DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR404DP
New Product
Document Number: 64815
S09-0873-Rev. A, 18-May-09
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Gen III Power MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
•
2.5 V and 3.3 V Gate Drive MOSFET for dc-to-dc
Applications
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Fixed Telecom
•
OR-ing
•
POL
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.00160 at VGS = 10 V
60
64.5 nC
0.00175 at VGS = 4.5 V
60
0.00225 at VGS = 2.5 V
60
Ordering Information: SiR404DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 54 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 70 °C
60a
TA = 25 °C
45.6b, c
TA = 70 °C
36.6b, c
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
5.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
50
Single Pulse Avalanche Energy
EAS
125
mJ
Maximum Power Dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66.6
TA = 25 °C
6.25b, c
TA = 70 °C
4.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
15
20
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
0.9
1.2


Similar Part No. - SIR404DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR404DP VISHAY-SIR404DP Datasheet
361Kb / 13P
N-Channel 20 V (D-S) MOSFET
18-May-09
SIR404DP-T1-GE3 VISHAY-SIR404DP-T1-GE3 Datasheet
361Kb / 13P
N-Channel 20 V (D-S) MOSFET
18-May-09
SIR404DP VISHAY-SIR404DP_V01 Datasheet
361Kb / 13P
N-Channel 20 V (D-S) MOSFET
18-May-09
More results

Similar Description - SIR404DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com