Electronic Components Datasheet Search
  English  ▼

X  

SIR412DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR412DP
Description  N-Channel 25-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR412DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR412DP Datasheet HTML 1Page - Vishay Siliconix SIR412DP Datasheet HTML 2Page - Vishay Siliconix SIR412DP Datasheet HTML 3Page - Vishay Siliconix SIR412DP Datasheet HTML 4Page - Vishay Siliconix SIR412DP Datasheet HTML 5Page - Vishay Siliconix SIR412DP Datasheet HTML 6Page - Vishay Siliconix SIR412DP Datasheet HTML 7Page - Vishay Siliconix SIR412DP Datasheet HTML 8Page - Vishay Siliconix SIR412DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR412DP
Document Number: 65364
S09-2029-Rev. A, 05-Oct-09
www.vishay.com
1
N-Channel 25-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
•
Optimized for High-Side Synchronous
Rectifier Operation
•
100 % Rg Tested
•
100 % UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Server, Desktop
- High-Side Switch
Notes:
a. Base on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (
www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 70 °C/W.
g. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, g
Qg (Typ.)
25
0.012 at VGS = 10 V
20
4.9 nC
0.015 at VGS = 4.5 V
20
Ordering Information: SiR412DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
20g
A
TC = 70 °C
20g
TA = 25 °C
13.4b, c
TA = 70 °C
10.7b, c
Pulsed Drain Current
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
20g
TA = 25 °C
3.2b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
Avalanche Energy
EAS
11.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
15.6
W
TC = 70 °C
10
TA = 25 °C
3.9b, c
TA = 70 °C
2.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
27
32
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
6.4
8.0


Similar Part No. - SIR412DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIR410D TFUNK-SIR410D Datasheet
308Kb / 13P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR410DP VISHAY-SIR410DP Datasheet
108Kb / 7P
N-Channel 20-V (D-S) MOSFET
27-Oct-08
SIR410DP VISHAY-SIR410DP Datasheet
374Kb / 13P
N-Channel 20 V (D-S) MOSFET
11-Dec-17
SIR410DP-T1-GE3 VISHAY-SIR410DP-T1-GE3 Datasheet
374Kb / 13P
N-Channel 20 V (D-S) MOSFET
11-Dec-17
SIR410DP VISHAY-SIR410DP_V01 Datasheet
374Kb / 13P
N-Channel 20 V (D-S) MOSFET
11-Dec-17
More results

Similar Description - SIR412DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com