Electronic Components Datasheet Search
  English  ▼

X  

HIP2120 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2120 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP2120 Datasheet HTML 5Page - Intersil Corporation HIP2120 Datasheet HTML 6Page - Intersil Corporation HIP2120 Datasheet HTML 7Page - Intersil Corporation HIP2120 Datasheet HTML 8Page - Intersil Corporation HIP2120 Datasheet HTML 9Page - Intersil Corporation HIP2120 Datasheet HTML 10Page - Intersil Corporation HIP2120 Datasheet HTML 11Page - Intersil Corporation HIP2120 Datasheet HTML 12Page - Intersil Corporation HIP2120 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HIP2120, HIP2121
9
FN7668.0
December 23, 2011
FIGURE 9. UNDERVOLTAGE LOCKOUT THRESHOLD vs
TEMPERATURE
FIGURE 10. UNDERVOLTAGE LOCKOUT HYSTERESIS vs
TEMPERATURE
FIGURE 11. HIP2120 PROPAGATION DELAYS vs TEMPERATURE
FIGURE 12. HIP2121 PROPAGATION DELAYS vs TEMPERATURE
FIGURE 13. HIP2120 DELAY MATCHING vs TEMPERATURE
FIGURE 14. HIP2121 DELAY MATCHING vs TEMPERATURE
Typical Performance Curves (Continued)
-50
0
50
100
150
6.7
TEMPERATURE (°C)
VHBR
VDDR
6.5
6.3
6.1
5.9
5.7
5.5
5.3
-50
0
50
100
150
0.70
TEMPERATURE (°C)
VHBH
VDDH
0.65
0.60
0.55
0.50
0.45
0.40
25
30
35
40
45
50
55
-50
0
50
100
150
TEMPERATURE (°C)
tLPHL
tHPHL
tLPLH
tHPLH
25
30
35
40
45
50
55
-50
0
50
100
150
TEMPERATURE (°C)
tHPLH
tLPLH
tHPHL
tLPHL
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-50
0
50
100
150
TEMPERATURE (°C)
tMON
tMOFF
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
-50
0
50
100
150
TEMPERATURE (°C)
tMOFF
tMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com