Electronic Components Datasheet Search
  English  ▼

X  

HIP2120 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2120 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP2120 Datasheet HTML 8Page - Intersil Corporation HIP2120 Datasheet HTML 9Page - Intersil Corporation HIP2120 Datasheet HTML 10Page - Intersil Corporation HIP2120 Datasheet HTML 11Page - Intersil Corporation HIP2120 Datasheet HTML 12Page - Intersil Corporation HIP2120 Datasheet HTML 13Page - Intersil Corporation HIP2120 Datasheet HTML 14Page - Intersil Corporation HIP2120 Datasheet HTML 15Page - Intersil Corporation HIP2120 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HIP2120, HIP2121
14
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7668.0
December 23, 2011
For additional products, see www.intersil.com/product_tree
EPAD Design Considerations
The thermal pad of the HIP2120/21 is electrically isolated. It’s
primary function is to provide heat sinking for the IC. It is
recommended to tie the EPAD to VSS (GND).
Figure 24 is an example of how to use vias to remove heat from
the IC substrate.
Depending on the amount of power dissipated by the HIP2120/21,
it may be necessary, to connect the EPAD to one or more ground
plane layers. A via array, within the area of the EPAD, will conduct
heat from the EPAD to the gnd plane on the bottom layer. If inner
PCB layers are available, it is also be desireable to connect these
additional layers with the plated-through vias.
The number of vias and the size of the GND planes required for
adequate heatsinking is determined by the power dissipated by
the HIP2120/21, the air flow, and the maximum temperature of
the air around the IC.
It is important that the vias have a low thermal resistance for
efficient heat transfer. Do not use “thermal relief” patterns to
connect the vias.
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products
address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks.
Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a
complete list of Intersil product families.
For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page on
intersil.com: HIP2120, HIP2121
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
FITs are available from our website at: http://rel.intersil.com/reports/search.php
FIGURE 24. PCB VIA PATTERN
EPAD
GND
PLANE
COMPONENT
LAYER
EPAD
GND
PLANE
BOTTOM
LAYER
FIGURE 24. TYPICAL PCB PATTERN FOR THERMAL VIAS
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest revision.
DATE
REVISION
CHANGE
December 23, 2011
FN7668.0
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com