Electronic Components Datasheet Search
  English  ▼

X  

SL02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL02
Description  Small Signal Schottky Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL02 Datasheet(HTML) 2 Page - Vishay Siliconix

  SL02_10 Datasheet HTML 1Page - Vishay Siliconix SL02_10 Datasheet HTML 2Page - Vishay Siliconix SL02_10 Datasheet HTML 3Page - Vishay Siliconix SL02_10 Datasheet HTML 4Page - Vishay Siliconix SL02_10 Datasheet HTML 5Page - Vishay Siliconix SL02_10 Datasheet HTML 6Page - Vishay Siliconix SL02_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85687
Rev. 1.9, 23-Jul-10
SL02, SL03, SL04
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Mounted on epoxy substrate with 3 mm x 3 mm Cu pads (≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Pulse test: 300 µs pulse width, 1 % duty cycle
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air 1)
RthJA
180
K/W
Maximum operating junction
temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Instaneous forward voltage
SL02
VF
0.360
0.385
V
IF = 0.5 A
1)
SL03
VF
0.395
0.43
V
SL04
VF
0.450
0.51
V
Typical instantaneous forward
voltage
IF = 1.1 A
SL02
VF
0.420
V
SL03
VF
0.450
V
SL04
VF
0.530
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
SL02
IR
250
μA
TA = 100 °C
SL02
IR
8mA
TA = 25 °C
SL03
IR
130
μA
TA = 100 °C
SL03
IR
6mA
TA = 25 °C
SL04
IR
20
μA
TA = 100 °C
SL04
IR
6mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com