Electronic Components Datasheet Search
  English  ▼

X  

SL02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SL02
Description  Small Signal Schottky Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL02 Datasheet(HTML) 3 Page - Vishay Siliconix

  SL02_10 Datasheet HTML 1Page - Vishay Siliconix SL02_10 Datasheet HTML 2Page - Vishay Siliconix SL02_10 Datasheet HTML 3Page - Vishay Siliconix SL02_10 Datasheet HTML 4Page - Vishay Siliconix SL02_10 Datasheet HTML 5Page - Vishay Siliconix SL02_10 Datasheet HTML 6Page - Vishay Siliconix SL02_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SL02, SL03, SL04
Document Number 85687
Rev. 1.9, 23-Jul-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current Derating Curve
Figure 2. Typical Junction Capacitance
Figure 3. Typical Instantaneous Forward Characterisics - SL02
0 10
30
50
70
90
110 130
0
0.5
1.5
1.0
150
Lead Temperature (°C)
17379
12
10
50
100
150
200
250
0
2
4
6
8
10
Reverse Voltage (V)
SL02
SL04
17380
1
10
0
0.2
0.4
0.6
0.8
1.0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
Pulse width = 300 µs
1 % duty cycle
17381
Figure 4. Typical Reverse Current Characteristics - SL02
Figure 5. Typical Instantaneous Forward Characteristics - SL03
Figure 6. Typical Reverse Current Characteristics - SL03
0
5
10
15
1
10
100
1000
10 000
20
25
Reverse Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
17382
0.2
0.4
0.6
0.8
1.0
1
10
0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
Pulse width = 300 µs
1 % duty cycle
17383
0
5
10
15
1
0.1
10
100
1000
10 000
20
25
30
35
Reverse Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
17384



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com