Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 250 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 246Page - Texas Instruments AM1808 Datasheet HTML 247Page - Texas Instruments AM1808 Datasheet HTML 248Page - Texas Instruments AM1808 Datasheet HTML 249Page - Texas Instruments AM1808 Datasheet HTML 250Page - Texas Instruments AM1808 Datasheet HTML 251Page - Texas Instruments AM1808 Datasheet HTML 252Page - Texas Instruments AM1808 Datasheet HTML 253Page - Texas Instruments AM1808 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 262 page
background image
TDI
Router
ARM926EJ-S/ETM
TDO
Steps
CLK
TMS
Router
ARM926EJ-S/ETM
ETB
AM1808
SPRS653C
– FEBRUARY 2010 – REVISED DECEMBER 2011
www.ti.com
•
Function : Update the JTAG preamble and post-amble counts.
– Parameter : The IR pre-amble count is '0'.
– Parameter : The IR post-amble count is '6'.
– Parameter : The DR pre-amble count is '0'.
– Parameter : The DR post-amble count is '1'.
– Parameter : The IR main count is '4'.
– Parameter : The DR main count is '1'.
The initial scan chain contains only the TAP router module. The following steps must be completed in
order to add ETB TAP to the scan chain.
Figure 5-87. Adding ETB to the scan chain
•
Function : Do a send-only JTAG IR/DR scan.
– Parameter : The route to JTAG shift state is 'shortest transition'.
– Parameter : The JTAG shift state is 'shift-ir'.
– Parameter : The JTAG destination state is 'pause-ir'.
– Parameter : The bit length of the command is '6'.
– Parameter : The send data value is '0x00000007'.
– Parameter : The actual receive data is 'discarded'.
•
Function : Do a send-only JTAG IR/DR scan.
– Parameter : The route to JTAG shift state is 'shortest transition'.
– Parameter : The JTAG shift state is 'shift-dr'.
– Parameter : The JTAG destination state is 'pause-dr'.
– Parameter : The bit length of the command is '8'.
– Parameter : The send data value is '0x00000089'.
– Parameter : The actual receive data is 'discarded'.
•
Function : Do a send-only JTAG IR/DR scan.
– Parameter : The route to JTAG shift state is 'shortest transition'.
– Parameter : The JTAG shift state is 'shift-ir'.
– Parameter : The JTAG destination state is 'pause-ir'.
– Parameter : The bit length of the command is '6'.
– Parameter : The send data value is '0x00000002'.
– Parameter : The actual receive data is 'discarded'.
•
Function : Embed the port address in next command.
– Parameter : The port address field is '0x0f000000'.
– Parameter : The port address value is '3'.
250
Peripheral Information and Electrical Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com