Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 253 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 253 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 249Page - Texas Instruments AM1808 Datasheet HTML 250Page - Texas Instruments AM1808 Datasheet HTML 251Page - Texas Instruments AM1808 Datasheet HTML 252Page - Texas Instruments AM1808 Datasheet HTML 253Page - Texas Instruments AM1808 Datasheet HTML 254Page - Texas Instruments AM1808 Datasheet HTML 255Page - Texas Instruments AM1808 Datasheet HTML 256Page - Texas Instruments AM1808 Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 262 page
background image
TCK
TDO
1
7
2
3
RTCK
4
5
6
9
8
TDI/TMS/TRST
AM1808
www.ti.com
SPRS653C
– FEBRUARY 2010 – REVISED DECEMBER 2011
Table 5-147. JTAG ID Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:28
VARIANT
Variant (4-Bit) value
27:12
PART NUMBER
Part Number (16-Bit) value
11-1
MANUFACTURER
Manufacturer (11-Bit) value
0
LSB
LSB. This bit is read as a "1".
5.34.4.2
JTAG Test-Port Electrical Data/Timing
Table 5-148. Timing Requirements for JTAG Test Port (see Figure 5-89)
1.3V, 1.2V
1.1V
1.0V
No.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(TCK)
Cycle time, TCK
40
50
66.6
ns
2
tw(TCKH)
Pulse duration, TCK high
16
20
26.6
ns
3
tw(TCKL)
Pulse duration, TCK low
16
20
26.6
ns
4
tc(RTCK)
Cycle time, RTCK
40
50
66.6
ns
5
tw(RTCKH)
Pulse duration, RTCK high
16
20
26.6
ns
6
tw(RTCKL)
Pulse duration, RTCK low
16
20
26.6
ns
7
tsu(TDIV-RTCKH) Setup time, TDI/TMS/TRST valid before RTCK high
4
4
4
ns
8
th(RTCKH-TDIV)
Hold time, TDI/TMS/TRST valid after RTCK high
4
6
8
ns
Table 5-149. Switching Characteristics Over Recommended Operating Conditions for JTAG Test Port
(see Figure 5-89)
1.3V, 1.2V
1.1V
1.0V
No.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
9
td(RTCKL-TDOV)
Delay time, RTCK low to TDO valid
18
23
31
ns
Figure 5-89. JTAG Test-Port Timing
5.34.5 JTAG 1149.1 Boundary Scan Considerations
To use boundary scan, the following sequence should be followed:
•
Execute a valid reset sequence and exit reset
•
Wait at least 6000 OSCIN clock cycles
•
Enter boundary scan mode using the JTAG pins
No specific value is required on the EMU0 and EMU1 pins for boundary scan testing. If TRST is not driven
by the boundary scan tool or tester, TRST should be externally pulled high during boundary scan testing.
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
253
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com