Electronic Components Datasheet Search
  English  ▼

X  

SS29 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS29
Description  High Voltage Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS29 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS29 Datasheet HTML 1Page - Vishay Siliconix SS29 Datasheet HTML 2Page - Vishay Siliconix SS29 Datasheet HTML 3Page - Vishay Siliconix SS29 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS29 & SS210
Vishay General Semiconductor
Document Number: 88749
Revision: 07-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Voltage Surface Mount Schottky Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
MECHANICAL DATA
Case: DO-214AA (SMB)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
90 V, 100 V
IFSM
75 A
VF
0.71 V
TJ max.
150 °C
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS29
SS210
UNIT
Device marking code
S9
S10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum RMS voltage
VRMS
63
70
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
1.5
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
75
A
Peak repetitive reverse surge current at tp = 2 µs, 1 kHz
IRRM
1.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS29

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS29 FAIRCHILD-SS29 Datasheet
49Kb / 3P
Schottky Rectifiers
SS29 FAIRCHILD-SS29 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Taiwan Semiconductor Co...
SS29 TSC-SS29 Datasheet
63Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS29 DAESAN-SS29 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS29 BILIN-SS29 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS29

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
17-Dec-12
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
14-Dec-12
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
High-Voltage Surface Mount Schottky Rectifier
28-Apr-14
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
High Voltage Surface Mount Schottky Rectifier
16-Jan-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
High-Voltage Surface-Mount Schottky Rectifier
13-May-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com