Electronic Components Datasheet Search
  English  ▼

X  

SS29 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS29
Description  High Voltage Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS29 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS29 Datasheet HTML 1Page - Vishay Siliconix SS29 Datasheet HTML 2Page - Vishay Siliconix SS29 Datasheet HTML 3Page - Vishay Siliconix SS29 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS29 & SS210
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88749
Revision: 07-May-08
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SS29
SS210
UNIT
Maximum instantaneous forward voltage (1)
IF = 0.1 A
IF = 1.0 A
IF = 3.0 A
IF = 1.5 A
IF = 3.0 A
TA = 25 °C
TA = 25 °C
TA = 25 °C
TA = 100 °C
TA = 100 °C
VF
0.43
0.75
0.95
0.71
0.85
V
Maximum DC reverse current at rated VR
(1)
TA = 25 °C
TA = 100 °C
IR
30
5
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS29
SS210
UNIT
Maximum thermal resistance (1)
RθJA
RθJL
85
25
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS210-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
SS210-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
SS210HE3/52T (1)
0.096
52T
750
7" diameter plastic tape and reel
SS210HE3/5BT (1)
0.096
5BT
3200
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
Lead Temperature (°C)
Resistive or Inductive Load
P.C.B. Mounted on
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
Figure 2. Forward Power Loss Characteristics
0
0.5
1.0
1.5
2.0
2.5
00.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com