Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BC337
Description  NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC337 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BC337 Datasheet HTML 1Page - Siemens Semiconductor Group BC337 Datasheet HTML 2Page - Siemens Semiconductor Group BC337 Datasheet HTML 3Page - Siemens Semiconductor Group BC337 Datasheet HTML 4Page - Siemens Semiconductor Group BC337 Datasheet HTML 5Page - Siemens Semiconductor Group BC337 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
BC 337
BC 338
Maximum Ratings
Parameter
Symbol
BC 337
Unit
Collector-emitter voltage
VCE0
45
V
Collector-base voltage
VCB0
50
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
mA
Total power dissipation, TC = 66 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
≤ 200
K/W
Peak collector current
ICM
A
Junction - case1)
Rth JC
≤ 135
Peak base current
IBM
BC 338
25
30
5
800
100
625
150
1
200
Values
1)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com