Electronic Components Datasheet Search
  English  ▼

X  

200A Datasheet(PDF) 1 Page - E-SWITCH

Part # 200A
Description  TOGGLE SWITCHES - SUB-MINIATURE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200A Datasheet(HTML) 1 Page - E-SWITCH

  200A Datasheet HTML 1Page - E-SWITCH 200A Datasheet HTML 2Page - E-SWITCH 200A Datasheet HTML 3Page - E-SWITCH 200A Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
132
Specifications subject to change without notice.
Example Ordering Number
200A_ WMSP2_ T1_ A1_ VS2_Q_ E
SPECIFICATIONS
Contact Rating:
Dependent on contact material
Life Expectancy:
50,000 make-and-break cycles at full load
Contact Resistance:
Below 20 m typ. initial @ 2-4 VDC,
100 mA, for both silver and gold plated contacts
Insulation Resistance:
1,000 M 1min.
Dielectric Strength:
1,000 V RMS min. @ sea level
Operating Temperature: -30° C to 85° C
Seal Rated:
IP67
MATERIALS
Case & Bushing:
Glass filled nylon, flame retardant, heat stabilized
(UL 94-V0)
Actuator:
Brass, chrome plated, internal O-ring seal
standard for all actuators
Switch Support:
Brass, tin plated
Contacts / Terminals:
Silver or gold plated copper alloy
Terminal Seal:
Epoxy
HOW TO ORDER
FEATURES & BENEFITS
Variety of switching functions
Sub-miniature
Multiple actuator & bushing options
Sealed to IP67
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Networking
Medical equipment
SPDT
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WMSP-1
ON
NONE
ON
WMSP-2
ON
NONE
(ON)
WMSP-3
ON
OFF
ON
WMSP-4
(ON)
OFF
(ON)
WMSP-5
ON
OFF
(ON)
Term. Comm.
2 - 3
OPEN
2 - 1
WMSP-6
OFF
NONE
ON
Term. Comm.
OPEN
NONE
3-1
SCHEMATIC
POS 1
POS 2
POS 3
Epoxy Seal
*Only available with M2 or VS2
termination
SERIES
200A
T1
T2
ACTUATOR
M2
M6
M61
M7
VS2
TERMINATION
Q = Silver
R = Gold
CONTACT
MATERIAL
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
A1
BUSHING
WMSP1
WMSP2
WMSP3
WMSP4
WMSP5
WMSP6*
WMDP1
WMDP2
WMDP3
MODEL NO.
SERIES 200A SWITCHES
TOGGLE SWITCHES - SUB-MINIATURE


Similar Part No. - 200A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
8.0 x 3.8mm Watch crystal
01/02/2017
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
401Kb / 4P
TOGGLE SWITCHES - PROCESS SEALED SUB-MINIATURE
4.21.2022
logo
AVX Corporation
200A0R1BCA150XT AVX-200A0R1BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R2BCA150XT AVX-200A0R2BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R3BCA150XT AVX-200A0R3BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
More results

Similar Description - 200A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
Sub-Miniature Toggle Switches (washable)
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
Sub-Miniature SPDT Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
Sub-Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com