Electronic Components Datasheet Search
  English  ▼

X  

200A Datasheet(PDF) 2 Page - E-SWITCH

Part # 200A
Description  TOGGLE SWITCHES - SUB-MINIATURE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200A Datasheet(HTML) 2 Page - E-SWITCH

  200A Datasheet HTML 1Page - E-SWITCH 200A Datasheet HTML 2Page - E-SWITCH 200A Datasheet HTML 3Page - E-SWITCH 200A Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-switch.com
info@e-switch.com
133
POS 1
POS 2
POS 3
25˚
DPDT
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WMDP-1
ON
NONE
ON
WMDP-2
ON
NONE
(ON)
WMDP-3
ON
OFF
ON
Term. Comm.
2-3,5-6
OPEN
2-1,5-4
SCHEMATIC
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINATION OPTIONS
T2
A1
T1
M2
P.C. MOUNTING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com