Electronic Components Datasheet Search
  English  ▼

X  

BCP72 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCP72
Description  PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP72 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCP72 Datasheet HTML 1Page - Siemens Semiconductor Group BCP72 Datasheet HTML 2Page - Siemens Semiconductor Group BCP72 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
Dec-04-1996
BCP 72
PNP Silicon AF Power Transistor
Preliminary data
• For AF driver and output stages
• High collector current
• High current gain
• Low collector-emitter saturation voltage
Type
Marking Ordering Code Pin Configuration
Package
BCP 72
PAs
Q62702-
1 = E 2 = C 3 = E 4 = B 5 = C
SOT-23-5
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
15
V
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
5
DC collector current
IC
3
A
Peak collector current
ICM
6
Base current
IB
200
mA
Peak base current
IBM
500
Total power dissipation,
TS = 99°C
Ptot
1.7
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 55
K/W
Junction - soldering point
RthJS
≤ 30
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu


Similar Part No. - BCP72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP72M SIEMENS-BCP72M Datasheet
30Kb / 4P
PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
More results

Similar Description - BCP72

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com