Electronic Components Datasheet Search
  English  ▼

X  

BCP72 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCP72
Description  PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP72 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCP72 Datasheet HTML 1Page - Siemens Semiconductor Group BCP72 Datasheet HTML 2Page - Siemens Semiconductor Group BCP72 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
Dec-04-1996
BCP 72
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
15
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IB = 0
V(BR)CBO
15
-
-
Base-emitter breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 15 V, IE = 0 , TA = 25 °C
VCB = 15 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
20
100
nA
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain
IC = 10 mA, VCE = 5 V
IC = 500 mA, VCE = 1 V
IC = 1 A, VCE = 2 V
hFE
50
85
25
-
-
-
-
475
-
-
Collector-emitter saturation voltage 1)
IC = 2 A, IB = 0.2 A
VCEsat
-
0.15
-
V
Base-emitter saturation voltage 1)
IC = 2 A, IB = 0.2 A
VBEsat
-
-
1.2
mV
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
-
100
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
50
-
pF
1) Pulse test: t < 300
µs; D < 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com