Electronic Components Datasheet Search
  English  ▼

X  

XT23 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT23
Description  Quartz Crystals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT23 Datasheet(HTML) 1 Page - Vishay Siliconix

  XT23 Datasheet HTML 1Page - Vishay Siliconix XT23 Datasheet HTML 2Page - Vishay Siliconix XT23 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35063
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 09-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Quartz Crystals
XT23
Vishay Dale
The XT23 is a miniature SMD crystal with 3.2 x 2.5 (mm)
ceramic package and a height of 0.8 mm. 12 MHz to 25 MHz
frequncy makes it widely applied in PDA, GPS, MP3,
PCMCIA, bluetooth, and portable instruments.
FEATURES
• Ultra-miniature size: 3.2 x 2.5 x 0.8 (mm)
• Wide frequency range
• Seam sealing
• Emboss taping
• Compliant to RoHS Directive 2002/95/EC
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN.
TYP.
MAX.
Frequency range
FO
MHz
12.000
-
25.000
Frequency tolerance
F/F
O
at 25 °C
ppm
-
± 30
-
Temperature stability
TC
ref. to 25 °C
ppm
-
± 50
-
Operating temperature range
TOPR
°C
0
-
+ 70
Storage temperature range
TSTG
°C
- 55
-
+ 125
Shunt capacitance
C0
pF
-
-
3
Load capacitance
CL
customer specified
pF
10
-
series
Insulation resistance
IR
100 VDC
M
500
-
-
Drive level
DL
μW
10
100
300
Aging
Fa
at 25 °C, per year
ppm
- 5
-
+ 5
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX. ESR (
)MODE
12.000 to 12.999
100
fundamental
13.000 to 19.999
80
fundamental
20.000 to 25.000
70
fundamental
DIMENSIONS in inches [millimeters]
0.0315 [0.80 max.]
Note
Pin #2 and pin #4 are connected through cover, in case
connected to GND. Frequency might be drifted.
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
MARKING
AREA
0.047 [1.20] typ.
0.027 [0.70]
typ.
0.031 [0.80]
typ.
1
4
0.035 [0.90] typ.
2
3
Recommended Solder Pattern
0.051
[1.30]
0.043
[1.09]
0.024 [0.61]
0.047 [1.20]
0.051
[1.30]
0.047 [1.20]


Similar Part No. - XT23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
XT23-2025ME4 VISHAY-XT23-2025ME4 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
XT2318A100M VISHAY-XT2318A100M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
XT2318A12M288 VISHAY-XT2318A12M288 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
XT2318A40M VISHAY-XT2318A40M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
More results

Similar Description - XT23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
Quartz Crystals
05-Jan-00
logo
List of Unclassifed Man...
HC49153020SR3RDBUT ETC2-HC49153020SR3RDBUT Datasheet
224Kb / 31P
SPECIFYING QUARTZ CRYSTALS
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1 ECS-UM-1 Datasheet
455Kb / 1P
QUARTZ CRYSTALS
logo
Vishay Siliconix
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
Quartz Crystals
09-May-11
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
Quartz Crystals
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
QUARTZ CRYSTALS
logo
Vishay Siliconix
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
Quartz Crystals
09-May-11
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com