Electronic Components Datasheet Search
  English  ▼

X  

XT23 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # XT23
Description  Quartz Crystals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT23 Datasheet(HTML) 2 Page - Vishay Siliconix

  XT23 Datasheet HTML 1Page - Vishay Siliconix XT23 Datasheet HTML 2Page - Vishay Siliconix XT23 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: frequency@vishay.com
Document Number: 35063
2
Revision: 09-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
XT23
Vishay Dale
Quartz Crystals
ORDERING INFORMATION
XT23
-20
25M
e4
MODEL
LOAD
blank = series
-20 = 20 pF
-32 = 32 pF
-16 = 16 pF
FREQUENCY/MHz
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
X
T
23
20
A
2
5
M
MODEL
LOAD
PACKAGE
CODE
FREQUENCY
GLOBAL PART NUMBERING
XT
9
S
2
0
A
N
A
4
0
M
MODEL NUMBER
LOAD
CAPACITANCE
PACKAGE
CODE
OPTIONS
FREQUENCY
XT9S = XT49S
XT9M = XT49M
XTU1 = XTUM1
18 = 18 pF
20 = 20 pF
NL = series
to be specified by
customer
Tape and reel
G = RF5 (XT9S)
H = RF7 (XT9M)
Bulk
A = B04
(all models)
NA = no additional
options
RR = extended
temperature
of - 40 °C to + 85 °C
Contact factory for
all other options
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XT49S-20 40M
X
T
36
20
A
1
2
M
MODEL NUMBER
LOAD CAPACITANCE
PACKAGE
CODE
FREQUENCY
XT46 = XT46C
XT36 = XT36C
XT35 = XT35
XT23 = XT23
18 = 18 pF
20 = 20 pF
NL = series
to be specified by
customer
Tape and reel
H = RF7
Bulk
A = B04
(all models)
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XT36C-20 12M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com