Electronic Components Datasheet Search
  English  ▼

X  

XTH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XTH
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTH Datasheet(HTML) 1 Page - Vishay Siliconix

  XTH Datasheet HTML 1Page - Vishay Siliconix XTH Datasheet HTML 2Page - Vishay Siliconix XTH Datasheet HTML 3Page - Vishay Siliconix XTH Datasheet HTML 4Page - Vishay Siliconix XTH Datasheet HTML 5Page - Vishay Siliconix XTH Datasheet HTML 6Page - Vishay Siliconix XTH Datasheet HTML 7Page - Vishay Siliconix XTH Datasheet HTML 8Page - Vishay Siliconix XTH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
1
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors
Cylindrical Body, Hermetically Sealed
FEATURES
• High temperature
• High voltage
• High capacitance
• Withstands high frequency vibration to 2000 Hz
• Hermetically sealed
• Long shelf life
• DSCC drawings 04032 and 04033
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 175 °C with proper
derating
Voltage Range: 8 VDC to 630 VDC at 85 °C
Reverse Voltage: None
Capacitance Range: 2 μF to 2200 μF
Tolerance Range:
- 15 % to + 50 % (standard for XTK, XTM, XTV)
- 15 % to + 75 % (standard for XTH, XTL)
± 20 % (special order)
Note
• For styles, terminal configurations, mounting methods and hardware, please see pages following standard ratings table
ORDERING INFORMATION
XTV
126
T
630
P
0
A
MODEL
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
CASE CODE
INSULATION
TERMINAL
CONFIGURATION
XTH
XTK
XTL
XTM
XTV
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
T = - 15 % to + 50 %
(XTK, XTM, XTV standard)
U = - 15 % to + 75 %
(XTH, XTL standard)
M = ± 20 %
(special order)
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating.
P = Polar
(case negative)
R = Reverse
polarity
(case positive)
0 = Uninsulated
(standard)
4 = Teflon
(+ 175 °C limit)
See Styles
DIMENSIONS in inches [millimeters]
XTH-XTL-XTV
XTK-XTM
TYPE
D
H
XTK - XTM
0.656
0.438 to 1.781
XTL - XTH
0.875
0.540 to 4.062
XTV
1.125
0.600 to 2.810
H
5/16 ± 1/16
(+)
D
Case
negative
H
(+)
D
0.281
± 0.062
2.250
± 0.250
2.250
± 0.250
0.281
± 0.062
(-)


Similar Part No. - XTH

ManufacturerPart #DatasheetDescription
logo
Digi International Inc.
XTH9-DK-128 DIGI-XTH9-DK-128 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTH9-DK-NA DIGI-XTH9-DK-NA Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTH9-MI-128 DIGI-XTH9-MI-128 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTH9-MI-NA DIGI-XTH9-MI-NA Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XTH9-PKC-U-128 DIGI-XTH9-PKC-U-128 Datasheet
386Kb / 3P
XTEND짰-PKG RF MODEMS
More results

Similar Description - XTH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
15-Oct-03
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
Wet Tantalum Capacitors
02-Sep-03
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Vishay Siliconix
138D VISHAY-138D_08 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com