Electronic Components Datasheet Search
  English  ▼

X  

XTH Datasheet(PDF) 10 Page - Vishay Siliconix

Part # XTH
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTH Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button XTH Datasheet HTML 3Page - Vishay Siliconix XTH Datasheet HTML 4Page - Vishay Siliconix XTH Datasheet HTML 5Page - Vishay Siliconix XTH Datasheet HTML 6Page - Vishay Siliconix XTH Datasheet HTML 7Page - Vishay Siliconix XTH Datasheet HTML 8Page - Vishay Siliconix XTH Datasheet HTML 9Page - Vishay Siliconix XTH Datasheet HTML 10Page - Vishay Siliconix XTH Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
10
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FIGURES
FIGURE 1A
FIGURE 1B
FIGURE 1C
CASE CIRCUIT
DIAGRAM
-+
DETAIL A
SOLDER LUG
TERMINAL
0.094 DIA. hole
± 0.010
0.183 ± 0.010
Weld
0.281
± 0.062
2.250
± 0.250
0.281
± 0.062
2.250
± 0.250
0.656
± 0.025
0.035
± 0.005
+
+
+
L
See 04022 Ratings table
0.313 ± 0.062
0.193
MAX.
See Detail A
0.535 DIA.
± 0.010
0.875 DIA.
+ 0.031
- 0.015
0.094 ± 0.031
0.406
± 0.062
L
See 04022
Ratings table
0.025
± 0.005
0.094 DIA.
± 0.004
Solder fillet
permissible
0.312
See Detail A
0.094 DIA.
± 0.004
1.125 DIA.
+ 0.031
- 0.016
0.094 ± 0.031
0.406
L
See 04022
Ratings table
0.025
± 0.005
Solder fillet
permissible
0.535 DIA.
± 0.010



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com