Electronic Components Datasheet Search
  English  ▼

X  

MPU100 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MPU100
Description  100W Desk Top Switching Power Supplies For Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU100 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MPU100 Datasheet HTML 1Page - MPS Industries, Inc. MPU100 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety Specifications:
Environmental :
Electrical Characteristics:
Sym.
Parameter
Test Conditions
Min. Typ . Max. Unit
0
Iil
1.25
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
16
Ts
0.3
1.5
2
Vrn
Ilk
Iih
0.5
I rl
0.5
1
4
Tc
-0.04
0.04
Hr
Relative
Humidity
5
95
%
Toper
Operating
Temperature
Tstg
Storage Temperature
Pd
0
70
Derate linearly from 100% load at 50 C to 50% load at 70 C
85
-40
C
C
Sym.
Parameter
Test Conditions
Min. Typ. Max.
Unit
Parameter
Test Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
5600
VDC
Primary to ground
2800
Test Voltage = 2100VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-11
for FCC PART-18
Vin=110VAC
VDC
B
CLASS
Safety Approvals :
Vin =90 to 26 4V AC
Io=Full load, Vin=115 VAC
Io=Full
Load, Vin=230VAC
Io=Full
Load
Vin=230VAC
Io=Full Load to Half Load,Vin=100VAC
Io=Full
Vi n= 11 0V AC
Load, Vin=100VAC
Full Load, Vin=90VAC
I o = Fu ll Load,
Io=Full load, Vin=230 VAC
W
V
A
A
A
A
A
All output
%/ C
Input
Voltage
Input
Frequency
Output Power Range
Output Voltage Range
Output
Current Range
Input Current (Low Line)
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Over Current Protection
Transient Response
Hold-Up
Time
Start Up Time
Ripple & Noise (Peak to Peak)
Safety Ground Leakage C urrent
Input Current ( High Line)
Temperature Coefficient
load, 25
,Cool start,
C
Vin= 115VAC
Vin= 230VAC
%
%
mS
S
%
%
%
%
mA
mS
63
264
90
47
See rating cha rt
12
15
26
30
3
2
1
Dielectric Withstanding Voltage
for Primary to Ground
Low Line Inrush Current
VAC
Hz
7
Vin
Fin
Wo
Vo
Io
load, 25
,Cool start,
C
EMI requirements
MPU100 SERIES
100W Desk Top Switching Power Supplies For Medical Equipment.
100
Io=Full
Load,
88
83
75
132
150
110
112
High Line Inrush Current
Io=Full
Io=Full
See rating cha rt
0.1
Features:
Description:
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
IEC-320-C14 Input Inlet
Single to Triple Output
Output Voltage Available From 5VDC Thru 40VDC
Optional Output Connector (See appendix)
Input Surge Current, Over Voltage And Over Load protection
Splash proof
Power Factor Correction
Output Voltage Protection(Crowbar Design)
Class I Insulation
ON/OFF SWITCH
Two Years Warranty
Operating Voltage
The MPU100 series of AC/DC switching mode power supplies
provide 100 Watts of continuous output power . All supplies are
UL94V-1 min compliant, include IEC-320-C14 input for worldwide
applications.
All models meet FCC Part-18 class B
and CISPR-11 EN55011 class B emission Limits and are designed
to comply with UL/c-UL(UL 60601-1) ,TUV/T-mark (EN 60601-1)
and new CE requirements. All units are 100% burned in and tested.
They are ideally suited for use in hospital instrument
and many other applications.
V i n = 240 V A C/60Hz


Similar Part No. - MPU100

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
MPU100-102 ASTRODYNE-MPU100-102 Datasheet
727Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
MPU100-103 ASTRODYNE-MPU100-103 Datasheet
727Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
MPU100-104 ASTRODYNE-MPU100-104 Datasheet
727Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
MPU100-105 ASTRODYNE-MPU100-105 Datasheet
727Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - MPU100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
50W Desk Top Switching Power Supplies For Medical Equipment.
logo
MPS Industries, Inc.
HPU100 MPSIND-HPU100 Datasheet
421Kb / 2P
100W Desk top type medical power supplies for health care applications
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
15W Desk Top Switching Power Supplies For Medical Equipment.
MPU50 MPSIND-MPU50 Datasheet
218Kb / 2P
50W Desk Top Switching Power Supplies For Medical Equipment.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
30W Desk Top Switching Power Supplies For Medical Equipment
MPU63 MPSIND-MPU63 Datasheet
231Kb / 2P
63W Desk Top Swithching Power Supplies For Medical Equipment.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
130W Desk Top Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPMPU101 TOTAL-POWER-TPMPU101 Datasheet
309Kb / 2P
100W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com