Electronic Components Datasheet Search
  English  ▼

X  

MPU100 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPU100
Description  100W Desk Top Switching Power Supplies For Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU100 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPU100 Datasheet HTML 1Page - MPS Industries, Inc. MPU100 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
MPU100-102
5 ~
6 VDC
14.00 ~ 11.67 A
5%
70W
MPU100-103
6 ~
8 VDC
13.33 ~ 10.00 A
5%
80W
MPU100-104
8 ~ 11 VDC
11.25 ~
8.20 A
4%
90W
MPU100-105
12 ~ 13 VDC
8.33 ~
7.70 A
3%
100W
MPU100-106
13 ~ 16 VDC
7.70 ~
6.30 A
3%
100W
MPU100-107
16 ~ 21 VDC
6.30 ~
4.80 A
3%
100W
MPU100-108
21 ~ 27 VDC
4.80 ~
3.70 A
2%
100W
MPU100-109
27 ~ 33 VDC
3.70 ~
3.00 A
2%
100W
MPU100-110
33 ~ 40 VDC
3.00 ~
2.50 A
2%
100W
Output Voltage And Current Rating Chart (Single Output) :
Note:
1. Dimensions are shown in
mm.
2. Weight: 778-800gs approx.
3. Optional output connector:
See page Appendix.
inches or
Mechanical Specifications:
Output Voltage And Current Rating Chart ( Multi Output ) :
Output # 1
Out
put #2
Output #3
Vonom Iomin Iomax Regmax Vonom
Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Model
Number
MPU100-200
MPU100-201
MPU100-202
MPU100-203
MPU100-204
MPU100-209
MPU100-210
MPU100-215
MPU100-300
MPU100-302
MPU100-303
MPU100-304
MPU100-305
MPU100-306
+3.3V
+3.3V
+12V
+15V
+3.3V
+5V
+5V
+5V
+5V
+3.3V
1.0A
1.0A
1.0A
1.0A
1.0A
0.7A
0.6A
10A
10A
10A
10A
10A
7A
6A
10A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-12V
-15V
-24V
+12V
+12V
+15V
+24V
+24V
+12V
0.3A
0.3A
0.3A
0.2A
0.5A
0.3A
3A
3A
3A
2A
5A
1A
1A
1A
3A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
6%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
69W
80W
80W
80W
55W
80W
80W
74W
74W
80W
80W
80W
80W
74W
Output Power
Output Power
+5V
+5V
+5V
+5V
100W Desk Top Switching Power Supplies For Medical Equipment.
MPU100-212
0.3A
3A
5%
-24V
1A
5%
80W
+24V
-12V
0A
5%
10A
1.0A
MPU100-300-1
+3.3V
+12V
0.3A
3A
5%
74W
+12V
0A
5%
10A
1.0A
MPU100-301
+5V
5%
+12V
5%
-5V
0A
5%
80W
10A
1.0A
3A
MPU100-301-1
+5V
5%
+12V
5%
+5V
0A
5%
80W
10A
1.0A
3A
10A
3A
MPU100-302-1
+5V
5%
+12V
5%
+12V
5%
80W
10A
3A
10A
3A
MPU100-303-1
+5V
5%
+15V
6%
+15V
5%
80W
10A
3A
10A
3A
MPU100-304-1
+5V
5%
+24V
5%
+24V
5%
80W
10A
3A
1A
10A
3A
1A
MPU100-305-1
+5V
5%
+24V
5%
+12V
5%
80W
10A
3A
1A
10A
3A
1A
MPU100-306-1 +3.3V
7%
+12V
5%
+5V
5%
74W
10A
3A
1A
MPU100-308
+3.3V
7%
+5V
5%
-12V
5%
60W
10A
3A
1A
MPU100-308-1 +3.3V
7%
+5V
5%
+12V
5%
60W
10A
3A
1A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
Maximum
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
1A
1A
1A
1A
1A
1A
1A
7%
7%
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
0.3A
Maximum
1A
1A
MPU100 SERIES
0A
0A
0A
0A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com