Electronic Components Datasheet Search
  English  ▼

X  

ADC1212D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ADC1212D
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1212D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ADC1212D Datasheet HTML 17Page - NXP Semiconductors ADC1212D Datasheet HTML 18Page - NXP Semiconductors ADC1212D Datasheet HTML 19Page - NXP Semiconductors ADC1212D Datasheet HTML 20Page - NXP Semiconductors ADC1212D Datasheet HTML 21Page - NXP Semiconductors ADC1212D Datasheet HTML 22Page - NXP Semiconductors ADC1212D Datasheet HTML 23Page - NXP Semiconductors ADC1212D Datasheet HTML 24Page - NXP Semiconductors ADC1212D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ADC1212D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 4 March 2011
21 of 42
NXP Semiconductors
ADC1212D series
Dual 12-bit ADC: CMOS or LVDS DDR digital outputs
If bit INTREF_EN is set to logic 0, the reference voltage is determined either internally or
externally as detailed in Table 12.
[1]
The voltage on pin VREF is doubled internally to generate the internal reference voltage.
Figure 21 to Figure 24 illustrate how to connect the SENSE and VREF pins to select the
required reference voltage source.
Fig 20. Reference equivalent schematic
Table 12.
Reference selection
Selection
SPI bit
INTREF_EN
SENSE pin
VREF pin
Full-scale
(V (p-p))
Internal
(Figure 21)
0
AGND
330 pF capacitor to
AGND
2 V
Internal
(Figure 22)
0
pin VREF connected to pin SENSE and
via a 330 pF capacitor to AGND
1 V
External
(Figure 23)
0VDDA
external voltage between
0.5V and 1V[1]
1 V to 2 V
Internal via SPI
(Figure 24)
1
pin VREF connected to pin SENSE and
via 330 pF capacitor to AGND
1 V to 2 V
EXT_ref
EXT_ref
001aan670
REFAT/
REFBT
REFAB/
REFBB
SENSE
VREF
SELECTION
LOGIC
BANDGAP
REFERENCE
ADC CORE
BUFFER
REFERENCE
AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com