Electronic Components Datasheet Search
  English  ▼

X  

BLF888AS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888AS Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF888AS Datasheet HTML 1Page - NXP Semiconductors BLF888AS Datasheet HTML 2Page - NXP Semiconductors BLF888AS Datasheet HTML 3Page - NXP Semiconductors BLF888AS Datasheet HTML 4Page - NXP Semiconductors BLF888AS Datasheet HTML 5Page - NXP Semiconductors BLF888AS Datasheet HTML 6Page - NXP Semiconductors BLF888AS Datasheet HTML 7Page - NXP Semiconductors BLF888AS Datasheet HTML 8Page - NXP Semiconductors BLF888AS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BLF888A_BLF888AS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2011
4 of 17
NXP Semiconductors
BLF888A; BLF888AS
UHF power LDMOS transistor
[1]
IDq for total device.
[2]
Measured [dBc] with delta marker at 4.3 MHz from center frequency.
[3]
PAR (of output signal) at 0.01 % probability on CCDF; PAR of input signal = 9.5 dB at 0.01 % probability on
CCDF.
6.1 Ruggedness in class-AB operation
The BLF888A and BLF888AS are capable of withstanding a load mismatch corresponding
to VSWR
 40 : 1 through all phases under the following conditions: V
DS =50 V;
f = 860 MHz at rated power.
DVB-T (8k OFDM), class-AB
VDS
drain-source voltage
-
50
-
V
IDq
quiescent drain current
[1] -1.3
-
A
PL(AV)
average output power
f = 858 MHz
110
-
-
W
Gp
power gain
f = 858 MHz
20
21
-
dB
D
drain efficiency
f = 858 MHz
28
31
-
%
IMDshldr
intermodulation distortion shoulder
f = 858 MHz
[2] -
32 28
dBc
PAR
peak-to-average ratio
f = 858 MHz
[3] -8.2
-
dB
VGS = 0 V; f = 1 MHz.
Fig 1.
Output capacitance as a function of drain-source voltage; typical values per
section
Table 7.
RF characteristics …continued
RF characteristics in NXP production narrowband test circuit; Tcase =25 C unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
001aam579
VDS (V)
060
40
20
200
100
300
400
Coss
(pF)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com