Electronic Components Datasheet Search
  English  ▼

X  

BLF888AS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888AS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF888AS Datasheet HTML 7Page - NXP Semiconductors BLF888AS Datasheet HTML 8Page - NXP Semiconductors BLF888AS Datasheet HTML 9Page - NXP Semiconductors BLF888AS Datasheet HTML 10Page - NXP Semiconductors BLF888AS Datasheet HTML 11Page - NXP Semiconductors BLF888AS Datasheet HTML 12Page - NXP Semiconductors BLF888AS Datasheet HTML 13Page - NXP Semiconductors BLF888AS Datasheet HTML 14Page - NXP Semiconductors BLF888AS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BLF888A_BLF888AS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2011
11 of 17
NXP Semiconductors
BLF888A; BLF888AS
UHF power LDMOS transistor
See Table 9 for a list of components.
Fig 11. Printed-Circuit Board (PCB) for class-AB common source amplifier
50 mm
001aam588
105 mm
L33
L32
L32
L31
L30
L30
L1
L5
L5
L1
L2
L2
L3
L3
L4
L31
See Table 9 for a list of components.
Fig 12. Component layout for class-AB common source amplifier
-
+
-
+
6.3 mm
4 mm
+VG2(test)
+VD2(test)
+VD1(test)
+VG1(test)
001aan764
R8
R7
R6
C37
C35
C34
C32
C30
C31
C36
C17
C19
C11
C12
C7
C9
C8
C1
C2
C3
C4
C5
C6
C21
C23
C24
C22
C20
C18
R2
C15
C13
C14
C16
R1
C33
50 Ω
C10
50 Ω
R4
R3
R5
49.6 mm
36.8 mm
26.3 mm
25.3 mm
44 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com