Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 112 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 108Page - NXP Semiconductors LPC4310 Datasheet HTML 109Page - NXP Semiconductors LPC4310 Datasheet HTML 110Page - NXP Semiconductors LPC4310 Datasheet HTML 111Page - NXP Semiconductors LPC4310 Datasheet HTML 112Page - NXP Semiconductors LPC4310 Datasheet HTML 113Page - NXP Semiconductors LPC4310 Datasheet HTML 114Page - NXP Semiconductors LPC4310 Datasheet HTML 115Page - NXP Semiconductors LPC4310 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
112 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
11.9 External memory interface
Table 18.
Dynamic characteristics: Static external memory interface
CL = 22 pF for EMC_Dn CL = 20 pF for all others; Tamb = 40 C to 85 C; 2.2 V VDD(REG)(3V3) 3.6 V;
2.7 V
V
DD(IO) 3.6 V; values guaranteed by design.
Symbol
Parameter[1]
Conditions
Min
Typ
Max
Unit
Read cycle parameters
tCSLAV
CS LOW to address valid
time
3.1
-
1.6
ns
tCSLOEL
CS LOW to OE LOW time
[2]
0.6 + T
cy(clk)
WAITOEN
-
1.3 + Tcy(clk)
WAITOEN
ns
tCSLBLSL
CS LOW to BLS LOW time
PB = 1
0.7
-
1.8
ns
tOELOEH
OE LOW to OE HIGH time
[2]
0.6 +
(WAITRD
WAITOEN + 1)
Tcy(clk)
-
0.4 +
(WAITRD
WAITOEN + 1)
Tcy(clk)
ns
tam
memory access time
-
-
16 +
(WAITRD
WAITOEN +1)
Tcy(clk)
ns
th(D)
data input hold time
16
-
-
ns
tCSHBLSH
CS HIGH to BLS HIGH time PB = 1
0.4
-
1.9
ns
tCSHOEH
CS HIGH to OE HIGH time
0.4
-
1.4
ns
tOEHANV
OE HIGH to address invalid
PB = 1
2.0
-
2.6
ns
tCSHEOR
CS HIGH to end of read
time
[3]
2.0
-
0
ns
tCSLSOR
CS LOW to start of read
time
[4]
0-
1.8
ns
Write cycle parameters
tCSLAV
CS LOW to address valid
time
3.1
-
1.6
ns
tCSLDV
CS LOW to data valid time
3.1
-
1.5
ns
tCSLWEL
CS LOW to WE LOW time
PB = 1
1.5
-
0.2
ns
tCSLBLSL
CS LOW to BLS LOW time
PB = 1
0.7
-
1.8
ns
tWELWEH
WE LOW to WE HIGH time
PB = 1
[2]
0.6 +
(WAITWR
WAITWEN + 1)
Tcy(clk)
-
0.4 +
(WAITWR
WAITWEN + 1)
Tcy(clk)
ns
tWEHDNV
WE HIGH to data invalid
time
PB = 1
[2]
0.9 + T
cy(clk)
-
2.3 + Tcy(clk)
ns
tWEHEOW
WE HIGH to end of write
time
PB = 1
[2]
[5]
0.4 + T
cy(clk)
-
0.3 + T
cy(clk)
ns
tCSLBLSL
CS LOW to BLS LOW
PB = 0
0.7
-
1.8
ns
tBLSLBLSH
BLS LOW to BLS HIGH time PB = 0
[2]
0.9 +
(WAITWR
WAITWEN + 1)
Tcy(clk)
-
0.1 +
(WAITWR
WAITWEN + 1)
Tcy(clk)
ns
tBLSHEOW
BLS HIGH to end of write
time
PB = 0
[2]
[5]
1.9 + T
cy(clk)
-
0.5 + T
cy(clk)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com