Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 109Page - NXP Semiconductors LPC4310 Datasheet HTML 110Page - NXP Semiconductors LPC4310 Datasheet HTML 111Page - NXP Semiconductors LPC4310 Datasheet HTML 112Page - NXP Semiconductors LPC4310 Datasheet HTML 113Page - NXP Semiconductors LPC4310 Datasheet HTML 114Page - NXP Semiconductors LPC4310 Datasheet HTML 115Page - NXP Semiconductors LPC4310 Datasheet HTML 116Page - NXP Semiconductors LPC4310 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
113 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
[1]
Parameters specified for 40 % of VDD(IO) for rising edges and 60 % of VDD(IO) for falling edges.
[2]
Tcy(clk) = 1/CCLK (see LPC43xx User manual).
[3]
End Of Read (EOR): longest of tCSHOEH, tOEHANV, tCSHBLSH.
[4]
Start Of Read (SOR): longest of tCSLAV, tCSLOEL, tCSLBLSL.
[5]
End Of Write (EOW): earliest of address not valid or EMC_BLSn HIGH.
tBLSHDNV
BLS HIGH to data invalid
time
PB = 0
[2]
2.5 + T
cy(clk)
-
1.4 + Tcy(clk)
ns
tCSHEOW
CS HIGH to end of write
time
[5]
2.0
-
0
ns
tBLSHDNV
BLS HIGH to data invalid
time
PB = 1
2.5
-
1.4
ns
tWEHANV
WE HIGH to address invalid
time
PB = 1
0.9 + T
cy(clk)
-
2.4 + Tcy(clk)
ns
Table 18.
Dynamic characteristics: Static external memory interface …continued
CL = 22 pF for EMC_Dn CL = 20 pF for all others; Tamb = 40 C to 85 C; 2.2 V VDD(REG)(3V3) 3.6 V;
2.7 V
V
DD(IO) 3.6 V; values guaranteed by design.
Symbol
Parameter[1]
Conditions
Min
Typ
Max
Unit
Fig 29. External static memory read/write access (PB = 0)
tCSLDV
tCSLBLSL
tCSHEOW
tBLSHEOW
tCSLAV
EOR
SOR
EOW
EMC_An
EMC_CSn
EMC_OE
EMC_BLSn
EMC_WE
EMC_Dn
002aag699
tCSHOEH
tOEHANV
tCSHEOR
tam
tCSLSOR
tOELOEH
tCSLOEL
tCSLAV
th(D)
tBLSLBLSH
tBLSHDNV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com