Electronic Components Datasheet Search
  English  ▼

X  

BCX13 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCX13
Description  PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX13 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCX13 Datasheet HTML 1Page - Siemens Semiconductor Group BCX13 Datasheet HTML 2Page - Siemens Semiconductor Group BCX13 Datasheet HTML 3Page - Siemens Semiconductor Group BCX13 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon AF Switching Transistor
BCX 13
5.91
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BCX 13
Q62702-C26
BCX 13
TO-92
C
B
E
1
2
3
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
125
V
Collector-base voltage
VCB0
125
Emitter-base voltage
VEB0
5
Collector current
IC
800
mA
Peak collector current
ICM
1A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation, TC =66˚C
Ptot
625
mW
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
≤ 200
K/W
Junction - case2)
Rth JC
≤ 135
1)
For detailed information see chapter Package Outlines.
2)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
q
For general AF applications
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Complementary type: BCX 12 (NPN)
1
2
3


Similar Part No. - BCX13

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BCX13 NJSEMI-BCX13 Datasheet
75Kb / 2P
PNP Silicon AF Switching Transistor
More results

Similar Description - BCX13

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BC556 SEMTECH-BC556 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX42 SIEMENS-BCX42 Datasheet
139Kb / 4P
PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
PNP Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_07 Datasheet
79Kb / 7P
NPN / PNP Silicon AF Transistor Array High breakdown voltage
2007-04-27
logo
New Jersey Semi-Conduct...
BCX13 NJSEMI-BCX13 Datasheet
75Kb / 2P
PNP Silicon AF Switching Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com