Electronic Components Datasheet Search
  English  ▼

X  

UBA2016A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # UBA2016A
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button UBA2016A Datasheet HTML 16Page - NXP Semiconductors UBA2016A Datasheet HTML 17Page - NXP Semiconductors UBA2016A Datasheet HTML 18Page - NXP Semiconductors UBA2016A Datasheet HTML 19Page - NXP Semiconductors UBA2016A Datasheet HTML 20Page - NXP Semiconductors UBA2016A Datasheet HTML 21Page - NXP Semiconductors UBA2016A Datasheet HTML 22Page - NXP Semiconductors UBA2016A Datasheet HTML 23Page - NXP Semiconductors UBA2016A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
20 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
During ignition a situation may occur where the amplitude of the load current is high and
the half-bridge is at the boundary of capacitive mode switching; see Figure 14 “Switching”.
The load current crosses zero during the non-overlap time. If the amplitude of the load
current is large enough, the UBA2015 and UBA2015A might not detect capacitive mode
because VSHHB did rise before going down again. The backgate diode of one switch is
conducting again when the other switch switches on. Since this can only happen if the
load current crosses zero during the non-overlap time, the momentary value of the load
current at the end of the non-overlap time will be not so big, and will not necessarily
damage the switches.
Depending on the topology used, the DC blocking capacitor might be charged via the
lamp(s) at the moment the lamp(s) ignite. This will cause a temporary DC current addition
to the load current that might be interpreted by the UBA2015 and UBA2015A as
capacitive mode switching. If this happens the DC blocking capacitor must be reduced or
pre-charged. The UBA2016A does not have this problem.
7.6.4 Hard switching regulation (UBA2016A)
In Ignition state the UBA2016A capacitive mode detection is disabled and replaced by
hard switching regulation. This enables ignition without voltage feedback.
The hard switching regulation measures the voltage step on pin SHHB at the end of the
non-overlap time tno(LH) (Vstep(SHHB) in Figure 14 “Switching”) and increases the switching
frequency by discharging pin CIFB with a current according to the formula:
Idch(hswr)CIFB =(Vstep(SHHB)  Vth(hswr)SHHB gm(hswr)
In this way the IC keeps the switching frequency during ignition at the point where there is
still a small phase difference between the load current and the half-bridge voltage, and the
switching losses due to hard switching are limited. This is assuming that it is not already
held at the higher frequency by the overvoltage protection or coil saturation protection.
As Figure 14 “Switching” shows, hard switching also occurs when the amplitude of the
load current is to small. This might happen when the IC enters Ignition state at the end of
preheat and the frequency is still relatively high. To prevent the IC from getting stuck at
fhigh the hard switching regulation is disabled until zero voltage switching has been
observed, that is if Vstep(SHHB) <Vth(zvs)SHHB.
7.6.5 Hard switching protection
The hard switching level Vstep(SHHB) step is measured via pin SHHB. The hard switching
level is determined by measuring the voltage step on pin SHHB on the rising edge of pin
GHHB; see Figure 14 “Switching”. When Vstep(SHHB) is above the hard switching
protection threshold voltage on pin SHHB (Vth(hswp)SHHB) the fault timer is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com