Electronic Components Datasheet Search
  English  ▼

X  

UBA2016A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA2016A
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA2016A Datasheet HTML 1Page - NXP Semiconductors UBA2016A Datasheet HTML 2Page - NXP Semiconductors UBA2016A Datasheet HTML 3Page - NXP Semiconductors UBA2016A Datasheet HTML 4Page - NXP Semiconductors UBA2016A Datasheet HTML 5Page - NXP Semiconductors UBA2016A Datasheet HTML 6Page - NXP Semiconductors UBA2016A Datasheet HTML 7Page - NXP Semiconductors UBA2016A Datasheet HTML 8Page - NXP Semiconductors UBA2016A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
3 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
5.
Block diagram
Fig 1.
Block diagram UBA2016A
VDD
UBA2016A
VDD
GATE
DRIVE
GPFC
IREF
VDD
1 mA
restart
FSHB
GHHB
SHHB
GLHB
SLHB
CPT
IFB
VFB
EOL
FBPFC
AUXPFC
COMPPFC
BOOST
DIM
96
7
10
8
1
17
18
20
19
16
5
14
0.5 V
0.5 V
not burn
13.4 V
2.5 V
OCpreheat
OCburn
LAMP
ON
DETECTION
VFBlow
OV
OVextra
DEMAG
OVPFC
FBPFCOK
PFCOK
PFCOSP
overcurrent
3 V
5 V
5 V
26
μA
2.6
μA
9
μA9 μA
60 k
Ω
5
μA
8.5
μA
16
μA
5
μA
5 V
47
μA
1.27 V
3.35 V
3.0 V
1.27 V
0.25 V
1 V
1.39 V
0.1 V
2.5 V
80 mV
CIFB
CF
SUPPLY
AND
REFERENCES
TEMPERATURE
SENSE
UVLO
on: > 12.4 V
off: < 10.0 V
100
μA
OR
ign
1 V
1 V
HARD
SWITCHING/
CAPACITIVE
MODE DETECTION
HIGH-SIDE
GATE DRIVE
LEVEL
SHIFTER
NON
OVERLAP
LOW-SIDE
GATE DRIVE
TIMER
VCO
ton
TIMER
PFC
CONTROLLER
FLUORESCENT
LAMP
CONTROLLER
140
°C
Q
S
R
80
°C
2 x
IC off
brownout
end of life
001aam531
2
4
3
12
11
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com