Electronic Components Datasheet Search
  English  ▼

X  

UBA2021 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
9 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
IVS(clamp)
clamp current
VVS < 17 V
-
14
35
mA
Preheat mode
fstart
starting frequency
VCI = 0 V
98
108
118
kHz
tg
conducting time T1 and T2
fstart = 108 kHz
-
3.2
-
µs
ICI(charge)
charge current at pin CI
VCI = 1.5 V; VRS = −0.3 V
38
44
50
µA
ICI(discharge)
discharge current at pin CI
VCI = 1.5 V; VRS = −0.9 V
79
93
107
µA
tph
preheat time
599
666
733
ms
ICP(charge)
charge current at pin CP
VCP = 1 V
-
6
-
µA
ICP(discharge)
discharge current at pin CP
VCP = 1 V
-
5.95
-
µA
∆VCP(pk)
peak voltage difference at
pin CP
when timing
-
2.5
-
V
VRS(ctrl)
control voltage at pin RS
[3]
−636
−600
−564
mV
Frequency sweep to ignition
ICI(charge)
charge current at pin CI
VCI = 1.5 V; f ≈ 85 kHz
0.8
1
1.2
µA
fB
bottom frequency
VCI at clamp level
-
42.9
-
kHz
tign
ignition time
-
625
-
µs
Normal operation
fB
bottom frequency
41.21
42.9
44.59
kHz
tg
conducting time T1 and T2
fB = 43 kHz
-
10.2
-
µs
tno
non-overlap conductance
time
1.05
1.4
1.75
µs
Itot
total supply current
fB = 43 kHz
[4]
0.85
1
1.1
mA
VRS(cap)
capacitive mode control
voltage
[5]
020
40
mV
VRREF
reference voltage
[6]
2.425
2.5
2.575
V
VG1(on)
on voltage at pin G1
IG1 = 1 mA
10.5
-
-
V
VG1(off)
off voltage at pin G1
IG1 = 1 mA
-
-
0.3
V
VG2(on)
on voltage at pin G2
IG2 = 1 mA
10.5
-
-
V
VG2(off)
off voltage at pin G2
IG2 = 1 mA
-
-
0.3
V
RG1(on)
high side driver on
resistance
V(G1 - S1) = 3 V
[7]
100
126
152
Ω
RG1(off)
high side driver off
resistance
V(G1 - S1) = 3 V
[7]
60
75
90
Ω
RG2(on)
low side driver on resistance
VG2 = 3 V
[7]
100
126
152
Ω
RG2(off)
low side driver off resistance
VG2 = 3 V
[7]
60
75
90
Ω
Vdrop
voltage drop at bootstrap
switch
IFS = 5 mA
0.6
1
1.4
V
Feed-forward
Ri(RHV)
input resistance at pin RHV
[8]
1.54
2.2
2.86
k
Ω
Ii(RHV)
operating range of input
current at
pin RHV
0
-
1000
µA
Table 7.
Characteristics …continued
VVS = 11 V; VFS - VS1 = 11 V; Tamb = 25 °C; all voltages referenced to ground; unless otherwise specified. See Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com