Electronic Components Datasheet Search
  English  ▼

X  

BCX58IX Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCX58IX
Description  NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX58IX Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCX58IX Datasheet HTML 1Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 2Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 3Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 4Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 5Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
NPN Silicon AF Transistors
BCX 58
BCX 59
5.91
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BCX 58 VIII
BCX 58 IX
BCX 58 X
BCX 59 VIII
BCX 59 IX
BCX 59 X
Q62702-C619
Q62702-C620
Q62702-C621
Q62702-C623
Q62702-C624
Q62702-C625
–
TO-92
C
B
E
1
2
3
1)
For detailed information see chapter Package Outlines.
2)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Peak collector current
ICM
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TC = 70 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient
Rth JA
≤ 250
K/W
100
200
500
150
– 65 … + 150
Emitter-base voltage
VEB0
32
45
32
45
BCX 58
BCX 59
Peak base current
IBM
200
7
Junction - case2)
Rth JC
≤ 160
q
High current gain
q
Low collector-emitter saturation voltage
q
Complementary types: BCX 78, BCX 79 (PNP)
1
2
3


Similar Part No. - BCX58IX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCX50 ETC1-BCX50 Datasheet
146Kb / 1P
Medium Power Amplifiers and Switches
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX51 SIEMENS-BCX51 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Central Semiconductor C...
BCX51 CENTRAL-BCX51 Datasheet
103Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX51 INFINEON-BCX51 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
More results

Similar Description - BCX58IX

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com