Electronic Components Datasheet Search
  English  ▼

X  

BCX58IX Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BCX58IX
Description  NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX58IX Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCX58IX Datasheet HTML 1Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 2Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 3Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 4Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 5Page - Siemens Semiconductor Group BCX58IX Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
BCX 58
BCX 59
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
–
200
–
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–3–
Input capacitance
VCB = 0.5 V, f = 1 MHz
Cibo
–8–
k
Ω
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h11e
–
–
–
–
2.7
3.6
4.5
7.5
–
–
–
–
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h12e
–
–
–
–
1.5
2.0
2.0
3.0
–
–
–
–
Unit
Values
Parameter
Symbol
min.
typ.
max.
dB
Noise figure
IC = 0.2 mA, VCE = 5 V, RS = 2 k
Ω
f = 1 kHz,
∆f = 200 Hz
F
–2–
–
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h21e
–
–
–
–
200
260
330
520
–
–
–
–
µS
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h22e
–
–
–
–
18
24
30
50
–
–
–
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com