Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP91 Datasheet(PDF) 11 Page - Cree, Inc

Part # CLD-AP91
Description  Cree® XLamp® XB-D White LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP91 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CLD-AP91 Datasheet HTML 5Page - Cree, Inc CLD-AP91 Datasheet HTML 6Page - Cree, Inc CLD-AP91 Datasheet HTML 7Page - Cree, Inc CLD-AP91 Datasheet HTML 8Page - Cree, Inc CLD-AP91 Datasheet HTML 9Page - Cree, Inc CLD-AP91 Datasheet HTML 10Page - Cree, Inc CLD-AP91 Datasheet HTML 11Page - Cree, Inc CLD-AP91 Datasheet HTML 12Page - Cree, Inc CLD-AP91 Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
xlamp xB-D leD Binning & laBeling
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets avail-
able at www.cree.com.
Cree’s sTanDarD ChromaTiCiTy kiTs
The following table provides the chromaticity bins associated with chromaticity kits.
Color
kit
Chromaticity bins
cool
white
51
0a, 0B, 0c, 0D, 0r, 0S, 0T, 0U, 1a, 1B, 1c, 1D, 1r, 1S, 1T, 1U, 2a, 2B, 2c, 2D, 2r, 2S, 2T, 2U, 3a, 3B, 3r, 3S
53
1a, 1B, 1c, 1D, 1r, 1S, 1T, 1U, 2a, 2B, 2c, 2D, 2r, 2S, 2T, 3a, 3B, 3S
50
1a, 1B, 1c, 1D, 2a, 2B, 2c, 2D
Neutral
white
e3
3a, 3B, 3c, 3D
c1
3a, 3B, 3c, 3D, 3r, 3S, 3T, 3U, 4a, 4B, 4r, 4S
F4
3c, 3D, 4a, 4B
D1
3a, 3B, 3c, 3D, 3r, 3S, 3T, 3U, 4a, 4B, 4c, 4D, 4r, 4S, 4T, 4U
e4
4a, 4B, 4c, 4D
D2
3c, 3D, 3T, 3U, 4a, 4B, 4c, 4D, 4r, 4S, 4T, 4U, 5a1, 5a2, 5a3, 5a4, 5B1, 5B2, 5B3, 5B4, 5r, 5S
c2
3c, 3D, 3T, 3U, 4a, 4B, 4c, 4D, 4r, 4S, 4T, 4U
c3
4a, 4B, 4c, 4D, 4r, 4S, 4T, 4U, 5a1, 5a2, 5a3, 5a4, 5B1, 5B2, 5B3, 5B4, 5r, 5S
F5
4c, 4D, 5a1, 5a2, 5a3, 5a4, 5B1, 5B2, 5B3, 5B4
e5
5a1, 5a2, 5a3, 5a4, 5B1, 5B2, 5B3, 5B4, 5c1, 5c2, 5c3, 5c4, 5D1, 5D2, 5D3, 5D4
warm
white
F6
5c1, 5c2, 5c3, 5c4, 5D1, 5D2, 5D3, 5D4, 6a1, 6a2, 6a3, 6a4, 6B1, 6B2, 6B3, 6B4
e6
6a1, 6a2, 6a3, 6a4, 6B1, 6B2, 6B3, 6B4, 6c1, 6c2, 6c3, 6c4, 6D1, 6D2, 6D3, 6D4
F7
6c1, 6c2, 6c3, 6c4, 6D1, 6D2, 6D3, 6D4, 7a1, 7a2, 7a3, 7a4, 7B1, 7B2, 7B3, 7B4
e7
7a1, 7a2, 7a3, 7a4, 7B1, 7B2, 7B3, 7B4, 7c1, 7c2, 7c3, 7c4, 7D1, 7D2, 7D3, 7D4
F8
7c1, 7c2, 7c3, 7c4, 7D1, 7D2, 7D3, 7D4, 8a1, 8a2, 8a3, 8a4, 8B1, 8B2, 8B3, 8B4
e8
8a1, 8a2, 8a3, 8a4, 8B1, 8B2, 8B3, 8B4, 8c1, 8c2, 8c3, 8c4, 8D1, 8D2, 8D3, 8D4
The following tables of order codes list flux minimums and chromaticity regions for the various categories of XLamp XB-D
LEDs. For other flux and chromaticity combinations, contact Cree or an authorized distributor.
sTanDarD orDer CoDes anD bins (Xb-D ansi CooL WhiTe, T
J = 85 °C)
XLamp Xb-D standard kit Codes - White
Chromaticity
minimum
Luminous flux
(lm) @ 350 ma*
order Codes
kit
CCT
Code
flux (lm)
no minimum Cri
70 Cri minimum
aNSI cool white (5000 K – 8300 K)
51
6200 K
r4
130
XBDawT-00-0000-000000G51
XBDawT-00-0000-00000BG51
r3
122
XBDAWT-00-0000-000000F51
XBDAWT-00-0000-00000BF51
r2
114
XBDawT-00-0000-000000e51
XBDawT-00-0000-00000Be51
53
6000 K
r4
130
XBDawT-00-0000-000000G53
XBDawT-00-0000-00000BG53
r3
122
XBDAWT-00-0000-000000F53
XBDAWT-00-0000-00000BF53
r2
114
XBDawT-00-0000-000000e53
XBDawT-00-0000-00000Be53
50
6200 K
r4
130
XBDawT-00-0000-000000G50
XBDawT-00-0000-00000BG50
r3
122
XBDAWT-00-0000-000000F50
XBDAWT-00-0000-00000BF50
r2
114
XBDawT-00-0000-000000e50
XBDawT-00-0000-00000Be50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com