Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP91 Datasheet(PDF) 5 Page - Cree, Inc

Part # CLD-AP91
Description  Cree® XLamp® XB-D White LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP91 Datasheet(HTML) 5 Page - Cree, Inc

  CLD-AP91 Datasheet HTML 1Page - Cree, Inc CLD-AP91 Datasheet HTML 2Page - Cree, Inc CLD-AP91 Datasheet HTML 3Page - Cree, Inc CLD-AP91 Datasheet HTML 4Page - Cree, Inc CLD-AP91 Datasheet HTML 5Page - Cree, Inc CLD-AP91 Datasheet HTML 6Page - Cree, Inc CLD-AP91 Datasheet HTML 7Page - Cree, Inc CLD-AP91 Datasheet HTML 8Page - Cree, Inc CLD-AP91 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
xlamp xB-D leD Binning & laBeling
5
XLamP Xb LeD binning &
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets avail-
able at www.cree.com.
region
x
y
region
x
y
region
x
y
region
x
y
6r
0.3889
0.3690
6S
0.4054
0.4191
6T
0.4217
0.4273
6U
0.4017
0.3751
0.4017
0.3751
0.4217
0.4273
0.4382
0.4356
0.4147
0.3814
0.3957
0.3596
0.4146
0.4089
0.4299
0.4165
0.4077
0.3652
0.3840
0.3540
0.3996
0.4015
0.4146
0.4089
0.3957
0.3596
7a1
0.4147
0.3814
7a2
0.4183
0.3898
7a3
0.4242
0.3919
7a4
0.4203
0.3833
0.4183
0.3898
0.4221
0.3984
0.4281
0.4006
0.4242
0.3919
0.4242
0.3919
0.4281
0.4006
0.4342
0.4028
0.4300
0.3939
0.4203
0.3833
0.4242
0.3919
0.4300
0.3939
0.4259
0.3853
7B1
0.4221
0.3984
7B2
0.4259
0.4073
7B3
0.4322
0.4096
7B4
0.4281
0.4006
0.4259
0.4073
0.4299
0.4165
0.4364
0.4188
0.4322
0.4096
0.4322
0.4096
0.4364
0.4188
0.4430
0.4212
0.4385
0.4119
0.4281
0.4006
0.4322
0.4096
0.4385
0.4119
0.4342
0.4028
7c1
0.4342
0.4028
7c2
0.4385
0.4119
7c3
0.4449
0.4141
7c4
0.4403
0.4049
0.4385
0.4119
0.4430
0.4212
0.4496
0.4236
0.4449
0.4141
0.4449
0.4141
0.4496
0.4236
0.4562
0.4260
0.4513
0.4164
0.4403
0.4049
0.4449
0.4141
0.4513
0.4164
0.4465
0.4071
7D1
0.4259
0.3853
7D2
0.4300
0.3939
7D3
0.4359
0.3960
7D4
0.4316
0.3873
0.4300
0.3939
0.4342
0.4028
0.4403
0.4049
0.4359
0.3960
0.4359
0.3960
0.4403
0.4049
0.4465
0.4071
0.4418
0.3981
0.4316
0.3873
0.4359
0.3960
0.4418
0.3981
0.4373
0.3893
8a1
0.4373
0.3893
8a2
0.4418
0.3981
8a3
0.4475
0.3994
8a4
0.4428
0.3906
0.4418
0.3981
0.4465
0.4071
0.4523
0.4085
0.4475
0.3994
0.4475
0.3994
0.4523
0.4085
0.4582
0.4099
0.4532
0.4008
0.4428
0.3906
0.4475
0.3994
0.4532
0.4008
0.4483
0.3919
8B1
0.4465
0.4071
8B2
0.4513
0.4164
8B3
0.4573
0.4178
8B4
0.4523
0.4085
0.4513
0.4164
0.4562
0.4260
0.4624
0.4274
0.4573
0.4178
0.4573
0.4178
0.4624
0.4274
0.4687
0.4289
0.4634
0.4193
0.4523
0.4085
0.4573
0.4178
0.4634
0.4193
0.4582
0.4099
8c1
0.4582
0.4099
8c2
0.4634
0.4193
8c3
0.4695
0.4207
8c4
0.4641
0.4112
0.4634
0.4193
0.4687
0.4289
0.4750
0.4304
0.4695
0.4207
0.4695
0.4207
0.4750
0.4304
0.4813
0.4319
0.4756
0.4221
0.4641
0.4112
0.4695
0.4207
0.4756
0.4221
0.4700
0.4126
8D1
0.4483
0.3919
8D2
0.4532
0.4008
8D3
0.4589
0.4021
8D4
0.4538
0.3931
0.4532
0.4008
0.4582
0.4099
0.4641
0.4112
0.4589
0.4021
0.4589
0.4021
0.4641
0.4112
0.4700
0.4126
0.4646
0.4034
0.4538
0.3931
0.4589
0.4021
0.4646
0.4034
0.4593
0.3944
PerformanCe grouPs – ChromaTiCiTy (ConTinueD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com