Electronic Components Datasheet Search
  English  ▼

X  

LIS33DE Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS33DE Datasheet HTML 7Page - STMicroelectronics LIS33DE Datasheet HTML 8Page - STMicroelectronics LIS33DE Datasheet HTML 9Page - STMicroelectronics LIS33DE Datasheet HTML 10Page - STMicroelectronics LIS33DE Datasheet HTML 11Page - STMicroelectronics LIS33DE Datasheet HTML 12Page - STMicroelectronics LIS33DE Datasheet HTML 13Page - STMicroelectronics LIS33DE Datasheet HTML 14Page - STMicroelectronics LIS33DE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LIS33DE
Mechanical and electrical specifications
Doc ID 15596 Rev 1
11/31
2.3.2
I2C - Inter IC control interface
Subject to general operating conditions for Vdd and top.
Figure 4.
I2C slave timing diagram (b)
Table 6.
I2C slave timing values
Symbol
Parameter
I2C standard mode(1)
I2C fast mode (1)
Unit
Min.
Max.
Min.
Max.
f(SCL)
SCL clock frequency
0
100
0
400
KHz
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0.01
3.45
0.01
0.9
µs
tr(SDA) tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
(2)
300
ns
tf(SDA) tf(SCL)
SDA and SCL fall time
300
20 + 0.1Cb
(2)
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1.
Data based on standard I2C protocol requirement, not tested in production
2.
Cb = total capacitance of one bus line, in pF
b.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports
SDA
SCL
tf(SDA)
tsu(SP)
tw(SCLL)
tsu(SDA)
tr(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tr(SCL)
tf(SCL)
tw(SP:SR)
START
REPEATED
START
STOP
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com