Electronic Components Datasheet Search
  English  ▼

X  

LIS33DE Datasheet(PDF) 24 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LIS33DE Datasheet HTML 20Page - STMicroelectronics LIS33DE Datasheet HTML 21Page - STMicroelectronics LIS33DE Datasheet HTML 22Page - STMicroelectronics LIS33DE Datasheet HTML 23Page - STMicroelectronics LIS33DE Datasheet HTML 24Page - STMicroelectronics LIS33DE Datasheet HTML 25Page - STMicroelectronics LIS33DE Datasheet HTML 26Page - STMicroelectronics LIS33DE Datasheet HTML 27Page - STMicroelectronics LIS33DE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Register description
LIS33DE
24/31
Doc ID 15596 Rev 1
7.2
CTRL_REG2 (21h)
Table 18.
CTRL_REG2 (21h) register
Table 19.
CTRL_REG2 (21h) register description
SIM bit selects the SPI serial interface mode. When SIM is ‘0’ (default value) the 4-wire
interface mode is selected. The data coming from the device are sent to SDO pad. In 3-wire
interface mode output data are sent to SDA_SDI pad.
BOOT bit is used to refresh the content of internal registers stored in the flash memory
block. At the device power up the content of the flash memory block is transferred to the
internal registers related to trimming functions to permit a good behavior of the device itself.
If for any reason the content of trimming registers is changed it is sufficient to use this bit to
restore correct values. When BOOT bit is set to ‘1’ the content of internal flash is copied
inside corresponding internal registers and it is used to calibrate the device. These values
are factory trimmed and they are different for every accelerometer. They permit a good
behavior of the device and normally they have not to be changed. At the end of the boot
process the BOOT bit is set again to ‘0’.
7.3
CTRL_REG3 [Interrupt CTRL register] (22h)
SIM
BOOT
0(1)
1.
Bit to be kept to “0” for correct device functionality.
0(1)
0(1)
0(1)
0(1)
0(1)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
Table 20.
CTRL_REG3 (22h) register
IHL
0(1)
1.
Bit to be kept to “0” for correct push-pull on Interrupt pad (INT).
0(2)
2.
Bit to be kept to “0” for correct device functionality.
0(2)
0(2)
ICFG2
ICFG1
ICFG0
Table 21.
CTRL_REG3 (22h) register description
IHL
Interrupt active high, low. Default value 0.
(0: active high; 1: active low)
ICFG2-
ICFG0
Data signal on INT pad control bits. Default value 000.
(see table below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com