Electronic Components Datasheet Search
  English  ▼

X  

SAM3U Datasheet(PDF) 18 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 14Page - ATMEL Corporation SAM3U Datasheet HTML 15Page - ATMEL Corporation SAM3U Datasheet HTML 16Page - ATMEL Corporation SAM3U Datasheet HTML 17Page - ATMEL Corporation SAM3U Datasheet HTML 18Page - ATMEL Corporation SAM3U Datasheet HTML 19Page - ATMEL Corporation SAM3U Datasheet HTML 20Page - ATMEL Corporation SAM3U Datasheet HTML 21Page - ATMEL Corporation SAM3U Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
18
6430ES–ATARM–22-Aug-11
SAM3U Series
Figure 5-3.
Backup Batteries Used
Note:
Restrictions
With Main Supply < 2.0 V, USB and ADC are not usable.
With Main Supply
≥ 2.4V and < 3V, USB is not usable.
With Main Supply
≥ 3V, all peripherals are usable.
VDDIN
Voltage
Regulator
VDDOUT
Main Supply (1.62V-3.6V)
VDDCORE
Backup Batteries
VDDBU
VDDIO
VDDANA
VDDUTMI
VDDPLL
FWUP
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com