Electronic Components Datasheet Search
  English  ▼

X  

BDP950 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BDP950
Description  PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BDP950 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BDP950 Datasheet HTML 1Page - Siemens Semiconductor Group BDP950 Datasheet HTML 2Page - Siemens Semiconductor Group BDP950 Datasheet HTML 3Page - Siemens Semiconductor Group BDP950 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Nov-28-1996
BDP 948
PNP Silicon AF Power Transistor
• For AF drivers and output stages
• High collector current
• High current gain
• Low collector-emitter saturation voltage
• Complementary type: BDP947, BDP949 (NPN)
Type
Marking Ordering Code
Pin Configuration
Package
BDP 948
BDP 948 Q62702-D1336
1 = B
2 = C
3 = E
4 = C
SOT-223
BDP 950
BDP 950 Q62702-D1338
1 = B
2 = C
3 = E
4 = C
SOT-223
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
BDP 948
BDP 950
VCEO
60
45
V
Collector-base voltage
BDP 948
BDP 950
VCBO
60
45
Emitter-base voltage
VEBO
5
DC collector current
IC
3
A
Peak collector current
ICM
5
Base current
IB
200
mA
Peak base current
IBM
500
Total power dissipation,
TS = 99°C
Ptot
3
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 42
K/W
Junction - soldering point
RthJS
≤ 17
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu


Similar Part No. - BDP950

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BDP950 INFINEON-BDP950 Datasheet
44Kb / 4P
PNP Silicon AF Power Transistors
Jul-06-2001
BDP950 INFINEON-BDP950 Datasheet
533Kb / 8P
PNP Silicon AF Power Transistors
2008-10-10
BDP950 INFINEON-BDP950 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
BDP950 INFINEON-BDP950 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
BDP950-E6327 INFINEON-BDP950-E6327 Datasheet
537Kb / 8P
PNP Silicon AF Power Transistors
2011-10-05
More results

Similar Description - BDP950

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com