Electronic Components Datasheet Search
  English  ▼

X  

BDP950 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BDP950
Description  PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BDP950 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BDP950 Datasheet HTML 1Page - Siemens Semiconductor Group BDP950 Datasheet HTML 2Page - Siemens Semiconductor Group BDP950 Datasheet HTML 3Page - Siemens Semiconductor Group BDP950 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
Nov-28-1996
BDP 948
Collector cutoff current
ICBO = f (TA)
VCB = 45V
0
20
40
60
80
100
120 °C 150
T
A
-1
10
0
10
1
10
2
10
3
10
4
10
5
10
nA
I
CBO
max
typ
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0.0
0.1
0.2
0.3
V
0.5
V
CEsat
0
10
1
10
2
10
3
10
4
10
mA
I
C
-50°C
25°C
100°C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
V
BEsat
0
10
1
10
2
10
3
10
4
10
mA
I
C
-50°C
25°C
100°C
Collector current
IC = f (VBE)
VCE = 2V
0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
V
BE
0
10
1
10
2
10
3
10
4
10
mA
I
C
-50°C
25°C
100°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com