Electronic Components Datasheet Search
  English  ▼

X  

BF2000 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BF2000
Description  Silicon N Channel MOSFET Tetrode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF2000 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF2000 Datasheet HTML 1Page - Siemens Semiconductor Group BF2000 Datasheet HTML 2Page - Siemens Semiconductor Group BF2000 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BF 2000
Semiconductor Group
Au -03-1998
1
Silicon N Channel MOSFET Tetrode
Target data sheet
• Short-channel transistor
with high S/C quality factor
• For low-noise, gain-controlled
input stages up to 1 GHz
VPS05178
2
1
3
4
Package
Type
Marking Ordering Code
Pin Configuration
BF 2000
NDs
Q62702-F1771
4 = G1
SOT-143
1 = S
2 = D
3 = G2
Maximum Ratings
Parameter
Symbol
Unit
Value
VDS
12
Drain-source voltage
V
30
ID
mA
Continuos drain current
10
±
IG1/2SM
Gate 1/gate 2 peak source current
Total power dissipation,
TS = 76 °C
mW
Ptot
200
Storage temperature
- 55 ...+150
°C
Tstg
Tch
150
Channel temperature
Thermal Resistance
≤370
K/W
Channel - soldering point
Rthchs
Semiconductor Group
1
1998-11-01


Similar Part No. - BF2000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF2000W SIEMENS-BF2000W Datasheet
19Kb / 3P
Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
More results

Similar Description - BF2000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
Silicon N-Channel MOSFET Tetrode
2006-04-13
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
Silicon N-Channel MOSFET Tetrode
2007-06-01
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
Silicon N-Channel MOSFET Tetrode
2009-05-05
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com