Electronic Components Datasheet Search
  English  ▼

X  

BF2000 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BF2000
Description  Silicon N Channel MOSFET Tetrode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF2000 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BF2000 Datasheet HTML 1Page - Siemens Semiconductor Group BF2000 Datasheet HTML 2Page - Siemens Semiconductor Group BF2000 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BF 2000
Semiconductor Group
Au -03-1998
3
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC characteristics
Forward transconductance
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 1 kHz
gfs
-
24
-
mS
Gate 1 input capacitance
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz
Cg1ss
-
1.2
-
pF
Gate 2 input capacitance
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz
Cg2ss
-
-
-
Feedback capacitance
VDS = 8 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz
Cdg1
-
25
-
fF
Output capacitance
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz
Cdss
-
0.8
-
pF
Power gain
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 45 MHz
Gps
28
29
-
dB
Power gain
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 800 MHz
Gps
-
22
-
Noise figure
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 45 MHz
F
-
1.1
-
Noise figure
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 800 MHz
F
-
1
-
Gain control range
VDS = 8 V, VG2S = 4 ... -2V, f = 800 MHz
∆G
ps
40
-
-
Semiconductor Group
3
1998-11-01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com