Electronic Components Datasheet Search
  English  ▼

X  

EPC130 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC130
Description  Photo-receiver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC130 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC130 Datasheet HTML 1Page - Espros Photonics corp EPC130 Datasheet HTML 2Page - Espros Photonics corp EPC130 Datasheet HTML 3Page - Espros Photonics corp EPC130 Datasheet HTML 4Page - Espros Photonics corp EPC130 Datasheet HTML 5Page - Espros Photonics corp EPC130 Datasheet HTML 6Page - Espros Photonics corp EPC130 Datasheet HTML 7Page - Espros Photonics corp EPC130 Datasheet HTML 8Page - Espros Photonics corp EPC130 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
epc130/epc131
Connection Diagrams
PIN Connections QFN16-VEED-
1VN4
LST
Top View
01.02.2010
Page 1
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
1
2
3
4
6-Pin Chip Scale Package (CSP)
16-Pin QFN Package
6-Pin
CSP
16 Pin
QFN
Pin
Name
Description
1
16
OUT
Push-pull output pin.
2
3
VN
Negative power supply pin through a reverse-polarity protection diode.
3
13
VDD
Positive power supply pin.
4
8
CN
External capacitor for background light current regulator.
5
11
PD
Anode of photo diode. This is the analog input of the amplifier/filter circuitry.
6
5
VSS
Negative power supply pin.
n/a
1
NC
Not connected.
n/a
2
NC
Not connected.
n/a
4
NC
Not connected.
n/a
6
NC
Not connected.
n/a
7
NC
Not connected.
n/a
9
NC
Not connected.
n/a
10
NC
Not connected.
n/a
12
NC
Not connected.
n/a
14
NC
Not connected.
n/a
15
NC
Not connected.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc13x analog - V2.1
www.espros.ch
Top View
6
5
4
1
2
3
VSS
PD
CN
OUT
VN
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com