Electronic Components Datasheet Search
  English  ▼

X  

EPC130 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC130
Description  Photo-receiver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC130 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC130 Datasheet HTML 1Page - Espros Photonics corp EPC130 Datasheet HTML 2Page - Espros Photonics corp EPC130 Datasheet HTML 3Page - Espros Photonics corp EPC130 Datasheet HTML 4Page - Espros Photonics corp EPC130 Datasheet HTML 5Page - Espros Photonics corp EPC130 Datasheet HTML 6Page - Espros Photonics corp EPC130 Datasheet HTML 7Page - Espros Photonics corp EPC130 Datasheet HTML 8Page - Espros Photonics corp EPC130 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
epc130/epc131
Other Parameters
(typical values, Tamb = 25°C, VDD = 5.0V, IPD=0mA)
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
1.2
epc130
Emitting Pulse Length (μs)
0
20
40
60
80 100 120 140 160
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
epc130 - 100nA
Time [μs]
Photo diode current pulse 100nA
0
50 100 150 200 250 300 350 400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
epc130 - 100µA
Time [μs]
Photo diode current pulse 100µA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.2
0.4
0.6
0.8
1
1.2
epc131
Emitting Pulse Length (μs)
0
5 10 15 20 25 30 35 40 45 50
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
epc131 - 800nA
Time [μs]
Photo diode current pulse 800nA
0
50 100 150 200 250 300 350 400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
epc131 - 1mA
Time [μs]
Photo diode current pulse 1mA
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
4
Datasheet epc13x analog - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com