Electronic Components Datasheet Search
  English  ▼

X  

DRV612 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV612
Description  2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV612 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV612 Datasheet HTML 9Page - Texas Instruments DRV612 Datasheet HTML 10Page - Texas Instruments DRV612 Datasheet HTML 11Page - Texas Instruments DRV612 Datasheet HTML 12Page - Texas Instruments DRV612 Datasheet HTML 13Page - Texas Instruments DRV612 Datasheet HTML 14Page - Texas Instruments DRV612 Datasheet HTML 15Page - Texas Instruments DRV612 Datasheet HTML 16Page - Texas Instruments DRV612 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
1
14
1
14
C25
GND
C21
2
1
C22
2
1
GND
C23
C24
2
1
OUT_LEFT
MUTE
IN_LEFT
R21
OUT_RIGHT
+3.3 V
IN_RIGHT
U21
DRV612RGT
OUT_L
1
GND
2
GND
3
MUTE
4
GAIN
11
OUT_R
12
VDD
9
GND
10
GND
GND
GND
C15
2
1
GND
C11
2.2 F
m
2
1
C12
2
1
GND
U11
-IN_L
1
OUT_L
2
GND
3
MUTE
4
VSS
5
CN
6
NC
8
GND
11
GAIN
12
OUT_R
13
-IN_R
14
NC
7
CP
9
VDD
10
C13
1 F
m
2
1
C14
2
1
MUTE
IN_LEFT
OUT_LEFT
R11
49 kW
1
2
+3.3 V
IN_RIGHT
OUT_RIGHT
2.2 F
m
1 F
m
1 F
m
2.2 F
m
49 kW
1 F
m
1 F
m
1 F
m
2.2 F
m
DRV612
www.ti.com
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
FOOTPRINT COMPATIBLE WITH TPA6139A2
The DRV612 stereo line driver is pin compatible with the headphone amplifier TPA6139A2. Therefore, a single
PCB layout can be used with stuffing options for different board configurations.
APPLICATION CIRCUIT
Figure 10. Single-Ended Input and Output, Gain Set to
–1.5×
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :DRV612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com